| 전자부품 데이터시트 검색엔진 |
|
TMPR4955F 데이터시트(PDF) 144 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4955F 데이터시트(HTML) 144 Page - Toshiba Semiconductor |
|
144 / 168 page ![]() Chapter 7 JTAG Interface 7-10 • Exit 1-IR This is a temporary controller state. When the controller is in this state, then it moves to either the Pause-IR state if JTMS is held low, or the Update-IR state if JTMS is held high. • Pause-IR This state allows the shifting of the instruction register to be temporarily suspended. Both the instruction register and the data register retain their current states. When the controller is in this state, it remains in the Pause-IR state if JTMS is held low, or moves to the Exit2-IR state if JTMS is held high. • Exit 2-IR This is a temporary controller state. When the controller is in this state, it moves to either the Shift-IR state if JTMS is held low, or the Update-IR state if JTMS is held high. • Update-IR This state allows the instruction previously shifted into the instruction register to be output in parallel on the rising edge of JTCK. Then it becomes the current instruction, setting a new operational mode. When the controller is in this state, it moves to either the Run-Test/Idle state if JTMS is low, or the Select-DR-Scan state if JTMS is high. Tables 7.3.2 shows the boundary scan order of the processor signals. Table 7.3.2 Tx4955A JTAG Boundary-Scan Ordering [JTDI] 1: SysEN1 2: SysEN2 3: SysEN3 4: SysEN4 5: BufSel1 6: SysAD4 7: SysAD5 8: SysAD6 9: SysAD7 10: SysAD8 11: SysAD9 12: SysAD10 13: SysAD11 14: SysAD12 15: SysAD13 16: SysAD14 17: SysAD15 18: BufSel0 19: PCST3 20: PCST2 21: PCST1 22: PCST0 23: RdRdy* 24: WrRdy* 25: ValidIn* 26: ValidOut* 27: Release* 28: PLLRES* 29: TintDis 30: SysCmd0 31: SysCmd1 32: SysCmd2 33: SysCmd3 34: SysCmd4 35: SysCmd5 36: SysCmd6 37: SysCmd7 38: SysCmd8 39: SysCmdP 40: HALTDOZE 41: INT0* 42: INT1* 43: INT2* 44: INT3* 45: INT4* 46: INT5* 47: TPC3 48: TPC2 49: TPC1 50: DCLK 51: NMI* 52: ExtRqst* 53: Reset* 54: ColdReset* 55: Endian 56: SysAD16 57: SysAD17 58: SysAD18 59: SysAD19 60: SysAD20 61: SysAD21 62: SysAD22 63: SysAD23 64: SysAD24 65: SysAD25 66: SysAD26 67: SysAD27 68: MODE43* 69: DivMode1 70: DivMode0 71: SysAD28 72: SysAD29 73: SysAD30 74: SysAD31 75: SysADC2 76: SysADC3 77: SysADC0 78: SysADC1 79: SysAD0 80: SysAD1 81: SysAD2 82: SysAD3 83: PCST8 84: PCST7 85: PCST6 86: PCST5 87: PCST4 [JTDO] |