전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMPR4955F 데이터시트(PDF) 163 Page - Toshiba Semiconductor

부품명 TMPR4955F
상세설명  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F 데이터시트(HTML) 163 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 159Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 160Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 161Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 162Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 163Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 164Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 165Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 166Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 167Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 168 page
background image
Appendix A.
A-1
A.
PLL Passive Components
The Phase Locked Loop circuit requires several passive components for proper operation, which
are connected to VccPLL, and VssPLL, as illustrated in Figure A.1.
Figure A.1 PLL Recommended Circuit
Values:
• R = 5 Ω (*1)
• C1 = 1 nF (*1)
• C2 = 82 nF (*1)
• C3 = 10 µF (*1)
• VccInt = 1.5 V ± 0.1 V
The inductors (L) can be used as alternatives to the resistors (R) to filter the power supply.
It is essential to isolate the analog power and ground for the PLL circuit (VccPLL/VssPLL) from
the regular power and ground (VccInt/Vss).
TX4955A
VccInt
VccPLL
PLLCAP
(Reserved)
VssPLL
VSS
C1
C2
C3
R
L
C1, C2, C3, R and L are Board
Components which should be placed
as close as possible to the processor.
R
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com