| 전자부품 데이터시트 검색엔진 |
|
S75WS256NDFBAWMB 데이터시트(PDF) 139 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S75WS256NDFBAWMB 데이터시트(HTML) 139 Page - SPANSION |
|
139 / 216 page ![]() February 17, 2005 S75WS-N-00_00_A0 S75WS256Nxx Based MCPs 137 Data Sheet Notes: 1. PA = Program Address, PD = Program Data, VA = Valid Address for reading status bits. 2. In progress and complete refer to status of program operation. 3. Amax9–A14 are don’t care during command sequence unlock cycles. 4. Addresses are latched on the rising edge of CLK. 5. Either CE# or AVD# is required to go from low to high in between programming command sequences. 6. The Synchronous programming operation is dependent of the Set Device Read Mode bit in the Configuration Register. The Configuration Register must be set to the Synchronous Read Mode. Figure 25.11 Synchronous Program Operation Timings: CLK Latched Addresses Note: Use setup and hold times from conventional program operation. Figure 25.12 Accelerated Unlock Bypass Programming Timing OE# CE# Data Addresses AVD# WE# CLK VCC 555h PD tWC tWPH tWP PA tVCS tDH tCH In Progress tWHWH1 VA Complete VA Program Command Sequence (last two cycles) Read Status Data tDS tAVDP A0h tAS tCAS tAH tAVCH tCSW tAVSC CE# AVD# WE# Addresses Data OE# ACC Don't Care Don't Care A0h Don't Care PA PD VID VIL or VIH t VID t VIDS |