| 전자부품 데이터시트 검색엔진 |
|
MC68340 데이터시트(PDF) 245 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68340 데이터시트(HTML) 245 Page - Freescale Semiconductor, Inc |
|
245 / 441 page ![]() 5- 108 MC68340 USER’S MANUAL MOTOROLA 5.7.3.9 SHIFT/ROTATE INSTRUCTIONS. The shift/rotate instruction table indicates the number of clock periods needed for the processor to perform the specified operation on the given addressing mode. Footnotes indicate when to account for the appropriate EA times. The number of bits shifted does not affect the execution time, unless noted. The total number of clock cycles is outside the parentheses. The numbers inside parentheses (r/p/w) are included in the total clock cycle number. All timing data assumes two-clock reads and writes. Instruction Head Tail Cycles Note LSd Dn, Dm −2 0 (0/1/0) 1 LSd #, Dm 4 0 6(0/1/0) — LSd 〈FEA〉 0 2 6(0/1/1) — ASd Dn, Dm −2 0 (0/1/0) 1 ASd #, Dm 4 0 6(0/1/0) — ASd 〈FEA〉 0 2 6(0/1/1) — ROd Dn, Dm −2 0 (0/1/0) 1 ROd #, Dm 4 0 6(0/1/0) — ROd 〈FEA〉 0 2 6(0/1/1) — ROXd Dn, Dm −2 0 (0/1/0) 2 ROXd #, Dm −2 0 (0/1/0) 3 ROXd 〈FEA〉 0 2 6(0/1/1) — d = Direction (left or right) NOTES: 1. Head and cycle times can be derived from the following table or calculated as follows: Max (3 + (n/4) + mod(n,4) + mod (((n/4) + mod (n,4) + 1,2), 6) 2. Head and cycle times are calculated as follows: (count ≤ 63): max (3 + n + mod (n + 1,2), 6). 3. Head and cycle times are calculated as follows: (count ≤ 8): max (2 + n + mod (n,2), 6). Clocks Shift Counts 6 012345689 12 8 7 10 11 13 14 16 17 20 10 15 18 19 21 22 24 25 28 12 23 26 27 29 30 32 33 36 14 31 34 35 37 38 40 41 44 16 39 42 43 45 46 48 49 52 18 47 50 51 53 54 56 57 60 20 55 58 59 61 62 22 63 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |