| 전자부품 데이터시트 검색엔진 |
|
MC68340 데이터시트(PDF) 248 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68340 데이터시트(HTML) 248 Page - Freescale Semiconductor, Inc |
|
248 / 441 page ![]() MOTOROLA MC68340 USER’S MANUAL 5- 111 5.7.3.12 CONTROL INSTRUCTIONS. The control instruction table indicates the number of clock periods needed for the processor to perform the specified operation on the given addressing mode. Footnotes indicate when to account for the appropriate EA times. The total number of clock cycles is outside the parentheses. The numbers inside parentheses (r/p/w) are included in the total clock cycle number. All timing data assumes two-clock reads and writes. Instruction Head Tail Cycles ANDI #, SR 0 −2 12(0/2/0) EORI #, SR 0 −2 12(0/2/0) ORI #, SR 0 −2 12(0/2/0) ANDI #, CCR 2 0 6(0/2/0) EORI #, CCR 2 0 6(0/2/0) ORI #, CCR 2 0 6(0/2/0) BSR.B 3 −2 13(0/2/2) BSR.W 3 −2 13(0/2/2) BSR.L 1 −2 13(0/2/2) CHK 〈FEA〉, Dn (no ex) 2 0 8(0/1/0) CHK 〈FEA〉, Dn (ex) 2 −2 42(2/2/6) CHK2 (Save) 〈FEA〉, Dn (no ex) 1 1 3(0/1/0) CHK2 (Op) 〈FEA〉, Dn (no ex) 2 0 18(X/0/0) CHK2 (Save) 〈FEA〉, Dn (ex) 1 1 3(0/1/0) CHK2 (Op) 〈FEA〉, Dn (ex) 2 −2 52(X + 2/1/6) JMP 〈CEA〉 0 −2 6(0/2/0) JSR 〈CEA〉 3 −2 13(0/2/2) LEA 〈CEA〉, An 0 0 2(0/1/0) LINK.W An, # 2 0 10(0/2/2) LINK.L An, # 0 0 10(0/3/2) NOP 0 0 2(0/1/0) PEA 〈CEA〉 0 0 8(0/1/2) RTD # 1 −2 12(2/2/0) RTR 1 −2 14(3/2/0) RTS 1 −2 12(2/2/0) UNLK An 1 0 9(2/1/0) X = There is one bus cycle for byte and word operands and two bus cycles for long-word operands. For long-word bus cycles, add two clocks to the tail and to the number of cycles. NOTE: The CHK2 instruction involves a save step which other instructions do not have. To calculate the total instruction time, calculate the save, the EA, and the operation execution times, and combine in the order listed using the equations given in 5.7.1.6 Instruction Execution Time Calculation. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |