| 전자부품 데이터시트 검색엔진 |
|
MC68340 데이터시트(PDF) 249 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68340 데이터시트(HTML) 249 Page - Freescale Semiconductor, Inc |
|
249 / 441 page ![]() 5- 112 MC68340 USER’S MANUAL MOTOROLA 5.7.3.13 EXCEPTION-RELATED INSTRUCTIONS AND OPERATIONS. The exception- related instructions and operations table indicates the number of clock periods needed for the processor to perform the specified exception-related actions. No additional tables are needed to calculate total effective execution time for these instructions. The total number of clock cycles is outside the parentheses. The numbers inside parentheses (r/p/w) are included in the total clock cycle number. All timing data assumes two-clock reads and writes. Instruction Head Tail Cycles BKPT (Acknowledged) 0 0 14(1/0/0) BKPT (Bus Error) 0 −2 35(3/2/4) Breakpoint (Acknowledged) 0 0 10(1/0/0) Breakpoint (Bus Error) 0 −2 42(3/2/6) Interrupt 0 −2 30(3/2/4) ∗ RESET 0 0 518(0/1/0) STOP 2 0 12(0/1/0) LPSTOP 3 −2 25(0/3/1) Divide-by-Zero 0 −2 36(2/2/6) Trace 0 −2 36(2/2/6) TRAP # 4 −2 29(2/2/4) ILLEGAL 0 −2 25(2/2/4) A-line 0 −2 25(2/2/4) F-line (First word illegal) 0 −2 25(2/2/4) F-line (Second word illegal) ea = Rn 1 −2 31(2/3/4) F-line (Second word illegal) ea ≠ Rn (Save) 1 1 3(0/1/0) F-line (Second word illegal) ea ≠ Rn (Op) 4 −2 29(2/2/4) Privileged 0 −2 25(2/2/4) TRAPcc (trap) 2 −2 38(2/2/6) TRAPcc (no trap) 2 0 4(0/1/0) TRAPcc.W (trap) 2 −2 38(2/2/6) TRAPcc.W (no trap) 0 0 4(0/2/0) TRAPcc.L (trap) 0 −2 38(2/2/6) TRAPcc.L (no trap) 0 0 6(0/3/0) TRAPV (trap) 2 −2 38(2/2/6) TRAPV (no trap) 2 0 4(0/1/0) ∗ = Minimum interrupt acknowledge cycle time is assumed to be three clocks. NOTE: The F-line (second word illegal) operation involves a save step which other operations do not have. To calculate the total operation time, calculate the save, the calculate EA, and the operation execution times, and combine in the order listed, using the equations given in 5.7.1.6 Instruction Execution Time Calculation. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |