전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P87LPC778FDH 데이터시트(PDF) 42 Page - NXP Semiconductors

부품명 P87LPC778FDH
상세설명  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778FDH 데이터시트(HTML) 42 Page - NXP Semiconductors

Back Button P87LPC778FDH Datasheet HTML 38Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 39Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 40Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 41Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 42Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 43Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 44Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 45Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 79 page
background image
Philips Semiconductors
P87LPC778
CMOS single-chip 8-bit microcontroller
Product data
Rev. 01 — 31 March 2004
42 of 79
9397 750 12378
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
In addition to this, the CPU clock may be divided down from the oscillator rate by a
programmable divider, under program control. This function is controlled by the DIVM
register. If the DIVM register is set to zero (the default value), the CPU will be clocked
by either the unmodified oscillator rate, or that rate divided by two, as determined by
the previously described CLKR function.
When the DIVM register is set to some value N (between 1 and 255), the CPU clock
is divided by 2
× (N + 1). Clock division values from 4 through 512 are thus possible.
This feature makes it possible to temporarily run the CPU at a lower rate, reducing
power consumption, in a manner similar to Idle mode. By dividing the clock, the CPU
can retain the ability to respond to events other than those that can cause interrupts
(i.e., events that allow exiting the Idle mode) by executing its normal program at a
lower rate. This can allow bypassing the oscillator startup time in cases where
Power-down mode would otherwise be used. The value of DIVM may be changed by
the program at any time without interrupting code execution.
8.11 Power monitoring functions
The P87LPC778 incorporates power monitoring functions designed to prevent
incorrect operation during initial power up and power loss or reduction during
operation. This is accomplished with two hardware functions: Power-on Detect and
Brownout Detect.
8.11.1
Brownout detection
The Brownout Detect function helps prevent the processor from failing in an
unpredictable manner if the power supply voltage drops below a certain level. The
default operation is for a brownout detection to cause a processor reset, however it
may alternatively be configured to generate an interrupt by setting the BOI bit in the
AUXR1 register (AUXR1.5).
The P87LPC778 allows selection of two Brownout levels: 2.5 V or 3.8 V. When VDD
drops below the selected voltage, the brownout detector triggers and remains active
until VDD is returns to a level above the Brownout Detect voltage. When Brownout
Detect causes a processor reset, that reset remains active as long as VDD remains
below the Brownout Detect voltage. When Brownout Detect generates an interrupt,
that interrupt occurs once as VDD crosses from above to below the Brownout Detect
voltage. For the interrupt to be processed, the interrupt system and the BOI interrupt
must both be enabled (via the EA and EBO bits in IEN0).
When Brownout Detect is activated, the BOF flag in the PCON register is set so that
the cause of processor reset may be determined by software. This flag will remain set
until cleared by software.
For correct activation of Brownout Detect, the VDD fall time must be no faster than
50 mV/
µs. When V
DD is restored, is should not rise faster than 2 mV/µs in order to
insure a proper reset.
The brownout voltage (2.5 V or 3.8 V) is selected via the BOV bit in the EPROM
configuration register UCFG1. When unprogrammed (BOV = 1), the brownout detect
voltage is 2.5 V. When programmed (BOV = 0), the brownout detect voltage is 3.8 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com