전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P87LPC778FDH 데이터시트(PDF) 56 Page - NXP Semiconductors

부품명 P87LPC778FDH
상세설명  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778FDH 데이터시트(HTML) 56 Page - NXP Semiconductors

Back Button P87LPC778FDH Datasheet HTML 52Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 53Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 54Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 55Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 56Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 57Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 58Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 59Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 79 page
background image
Philips Semiconductors
P87LPC778
CMOS single-chip 8-bit microcontroller
Product data
Rev. 01 — 31 March 2004
56 of 79
9397 750 12378
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
As data bits come in from the right, 1s shift out to the left. When the start bit arrives at
the leftmost position in the shift register (which in mode 1 is a 9-bit register), it flags
the RX Control block to do one last shift, load SBUF and RB8, and set RI. The signal
to load SBUF and RB8, and to set RI, will be generated if, and only if, the following
conditions are met at the time the final shift pulse is generated:
1. R1 = 0, and
2. Either SM2 = 0, or the received stop bit = 1.
If either of these two conditions is not met, the received frame is irretrievably lost. If
both conditions are met, the stop bit goes into RB8, the 8 data bits go into SBUF, and
RI is activated. At this time, whether the above conditions are met or not, the unit
goes back to looking for a 1-to-0 transition in RxD.
8.15.10
More about UART Modes 2 and 3
Eleven bits are transmitted (through TxD), or received (through RxD): a start bit (0), 8
data bits (LSB first), a programmable 9th data bit, and a stop bit (1). On transmit, the
9th data bit (TB8) can be assigned the value of ‘0’ or ‘1’. On receive, the 9th data bit
goes into RB8 in SCON. The baud rate is programmable to either 1
⁄
16 or
1
⁄
32 of the
CPU clock frequency in Mode 2. Mode 3 may have a variable baud rate generated
from Timer1.
Figures 25 and 26 show a functional diagram of the serial port in Modes 2 and 3. The
receive portion is exactly the same as in Mode 1. The transmit portion differs from
Mode 1 only in the 9th bit of the transmit shift register.
Transmission is initiated by any instruction that uses SBUF as a destination register.
The ‘write to SBUF’ signal also loads TB8 into the 9th bit position of the transmit shift
register and flags the TX Control unit that a transmission is requested. Transmission
commences at S1P1 of the machine cycle following the next rollover in the
divide-by-16 counter. (Thus, the bit times are synchronized to the divide-by-16
counter, not to the ‘write to SBUF’ signal.)
The transmission begins with activation of SEND, which puts the start bit at TxD. One
bit time later, DATA is activated, which enables the output bit of the transmit shift
register to TxD. The first shift pulse occurs one bit time after that. The first shift clocks
a 1 (the stop bit) into the 9th bit position of the shift register. Thereafter, only zeros are
clocked in. Thus, as data bits shift out to the right, zeros are clocked in from the left.
When TB8 is at the output position of the shift register, then the stop bit is just to the
left of TB8, and all positions to the left of that contain zeros. This condition flags the
TX Control unit to do one last shift and then deactivate SEND and set TI. This occurs
at the 11th divide-by-16 rollover after ‘write to SBUF.’
Reception is initiated by a detected 1-to-0 transition at RxD. For this purpose RxD is
sampled at a rate of 16 times whatever baud rate has been established. When a
transition is detected, the divide-by-16 counter is immediately reset, and 1FFH is
written to the input shift register.
At the 7th, 8th, and 9th counter states of each bit time, the bit detector samples the
value of R-D. The value accepted is the value that was seen in at least 2 of the 3
samples. If the value accepted during the first bit time is not ‘0’, the receive circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com