전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P87LPC778FDH 데이터시트(PDF) 53 Page - NXP Semiconductors

부품명 P87LPC778FDH
상세설명  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778FDH 데이터시트(HTML) 53 Page - NXP Semiconductors

Back Button P87LPC778FDH Datasheet HTML 49Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 50Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 51Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 52Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 53Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 54Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 55Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 56Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 79 page
background image
Philips Semiconductors
P87LPC778
CMOS single-chip 8-bit microcontroller
Product data
Rev. 01 — 31 March 2004
53 of 79
9397 750 12378
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.15.7
Using Timer1 to generate baud rates
When Timer1 is used as the baud rate generator, the baud rates in Modes 1 and 3
are determined by the Timer1 overflow rate and the value of SMOD1. The Timer1
interrupt should be disabled in this application. The Timer itself can be configured for
either ‘timer’ or ‘counter’ operation, and in any of its 3 running modes. In the most
typical applications, it is configured for ‘timer’ operation, in the auto-reload mode (high
nibble of TMOD = 0010b). In that case the baud rate is given by the formula:
(7)
Tables 51 and 52 list various commonly used baud rates and how they can be
obtained using Timer1 as the baud rate generator.
Mode 1, 3 baud rate
CPU clock frequency / 192 (or 96 if SMOD 1 = 1)
256
TH 1
()
–
-------------------------------------------------------------------------------------------------------------------------
=
Table 51:
Baud rates, timer values, and CPU clock frequencies for SMOD1 = 0
Timer Count
Baud Rate
2400
4800
9600
19.2 k
38.4 k
57.6 k
−1
0.4608
0.9216
* 1.8432
* 3.6864
* 7.3728
* 11.0592
−2
0.9216
1.8432
* 3.6864
* 7.3728
* 14.7456
−3
1.3824
2.7648
5.5296
* 11.0592
-
-
−4
* 1.8432
* 3.6864
* 7.3728
* 14.7456
-
-
−5
2.3040
4.6080
9.2160
* 18.4320
-
-
−6
2.7648
5.5296
* 11.0592
-
-
-
−7
3.2256
6.4512
12.9024
-
-
-
−8
* 3.6864
* 7.3728
* 14.7456
-
-
-
−9
4.1472
8.2944
16.5888
-
-
-
−10
4.6080
9.2160
* 18.4320
-
-
-
Table 52:
Baud rates, timer values, and CPU clock frequencies for SMOD1 = 1
Timer Value
Baud Rate
2400
4800
9600
19.2 k
38.4 k
57.6 k
115.2 k
−1
0.2304
0.4608
0.9216
* 1.8432
* 3.6864
5.5296
* 11.0592
−2
0.4608
0.9216
* 1.8432
* 3.6864
* 7.3728
* 11.0592
-
−3
0.6912
1.3824
2.7648
5.5296
* 11.0592
16.5888
-
−4
0.9216
* 1.8432
* 3.6864
* 7.3728
* 14.7456
-
-
−5
1.1520
2.3040
4.6080
9.2160
* 18.4320
-
-
−6
1.3824
2.7648
5.5296
* 11.0592
-
-
-
−7
1.6128
3.2256
6.4512
12.9024
-
-
-
−8
* 1.8432
* 3.6864
* 7.3728
* 14.7456
-
-
-
−9
2.0736
4.1472
8.2944
16.5888
-
-
-
−10
2.3040
4.6080
9.2160
* 18.4320
-
-
-
−11
2.5344
5.0688
10.1376
-
-
-
-
−12
2.7648
5.5296
* 11.0592
-
-
-
-
−13
2.9952
5.9904
11.9808
-
-
-
-
−14
3.2256
6.4512
12.9024
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79