전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P87LPC778FDH 데이터시트(PDF) 48 Page - NXP Semiconductors

부품명 P87LPC778FDH
상세설명  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778FDH 데이터시트(HTML) 48 Page - NXP Semiconductors

Back Button P87LPC778FDH Datasheet HTML 44Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 45Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 46Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 47Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 48Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 49Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 50Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 51Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 79 page
background image
Philips Semiconductors
P87LPC778
CMOS single-chip 8-bit microcontroller
Product data
Rev. 01 — 31 March 2004
48 of 79
9397 750 12378
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.14.2
Mode 1
Mode 1 is the same as Mode 0, except that all 16 bits of the timer register (THn and
TLn) are used. See Figure 20.
8.14.3
Mode 2
Mode 2 configures the Timer register as an 8-bit Counter (TL1) with automatic reload,
as shown in Figure 21. Overflow from TLn not only sets TFn, but also reloads TLn
with the contents of THn, which must be preset by software. The reload leaves THn
unchanged. Mode 2 operation is the same for Timer0 and Timer1.
8.14.4
Mode 3
When Timer1 is in Mode 3 it is stopped. The effect is the same as setting TR1 = 0.
Timer0 in Mode 3 establishes TL0 and TH0 as two separate 8-bit counters. The logic
for Mode 3 on Timer0 is shown in Figure 22. TL0 uses the Timer0 control bits: C/T,
GATE, TR0, INT0, and TF0. TH0 is locked into a timer function (counting machine
cycles) and takes over the use of TR1 and TF1 from Timer1. Thus, TH0 now controls
the ‘Timer1’ interrupt.
Mode 3 is provided for applications that require an extra 8-bit timer. With Timer0 in
Mode 3, an P87LPC778 can look like it has three Timer/Counters. When Timer0 is in
Mode 3, Timer1 can be turned on and off by switching it into and out of its own Mode
3. It can still be used by the serial port as a baud rate generator, or in any application
not requiring an interrupt.
Table 46:
TCON - Timer/counter control register (address 88H) bit allocation
Bit addressable; Reset value: 00H
Bit
7
6
5
4
3
2
1
0
Symbol
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
Table 47:
TCON - Timer/counter control register (address 88H) bit description
Bit
Symbol
Description
7
TF1
Timer1 overflow flag. Set by hardware on Timer/Counter overflow.
Cleared by hardware when the interrupt is processed, or by
software.
6
TR1
Timer1 Run control bit. Set/cleared by software to turn
Timer/Counter 1 on/off.
5
TF0
Timer0 overflow flag. Set by hardware on Timer/Counter overflow.
Cleared by hardware when the processor vectors to the interrupt
routine, or by software.
4
TR0
Timer0 Run control bit. Set/cleared by software to turn
Timer/Counter 0 on/off.
3
IE1
Interrupt 1 Edge flag. Set by hardware when external interrupt 1
edge is detected. Cleared by hardware when the interrupt is
processed, or by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com