전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TCS3530 데이터시트(PDF) 65 Page - OSRAM GmbH

부품명 TCS3530
상세설명  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 데이터시트(HTML) 65 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 61Page - OSRAM GmbH TCS3530 Datasheet HTML 62Page - OSRAM GmbH TCS3530 Datasheet HTML 63Page - OSRAM GmbH TCS3530 Datasheet HTML 64Page - OSRAM GmbH TCS3530 Datasheet HTML 65Page - OSRAM GmbH TCS3530 Datasheet HTML 66Page - OSRAM GmbH TCS3530 Datasheet HTML 67Page - OSRAM GmbH TCS3530 Datasheet HTML 68Page - OSRAM GmbH TCS3530 Datasheet HTML 69Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 106 page
background image
Page 64
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Register O ver view
MEAS_SEQR_STEP0_FD Register
Figure 86:
MEAS_SEQR_STEP0_FD
Note(s):
1. Return to the Register Map (0xD0).
MEAS_SEQR_STEP1_FD Register
Figure 87:
MEAS_SEQR_STEP1_FD
Note(s):
1. Return to the Register Map (0xD1).
Addr: 0xD0
MEAS_SEQR_STEP0_FD
Bit
Field
Reset
Type
Bit Description
7:0
MEASUREMENT_
SEQUENCER_
STEP0_
MOD_FD_
PATTERN
0x01
R/W
This register contains one bit for each modulator channel
(LSB = modulator 0, MSB = modulator 7) which defines if a
flicker measurement shall be executed with the respective
modulator during measurement sequencer step 0.
Addr: 0xD1
MEAS_SEQR_STEP1_FD
Bit
Field
Reset
Type
Bit Description
7:0
MEASUREMENT_
SEQUENCER_
STEP1_
MOD_FD_
PATTERN
0R/W
This register contains one bit for each modulator channel
(LSB = modulator 0, MSB = modulator 7) which defines if a
flicker measurement shall be executed with the respective
modulator during measurement sequencer step 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More