| 전자부품 데이터시트 검색엔진 |
|
TCS3530 데이터시트(PDF) 70 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS3530 데이터시트(HTML) 70 Page - OSRAM GmbH |
|
70 / 106 page ![]() Datasheet, Public Page 69 [v3-00] 2023-Jun-23 Document Feedback TCS3530 − Register Overview MEAS_SEQR_STEP2_ALS Register Figure 96: MEAS_SEQR_STEP2_ALS Note(s): 1. Return to the Register Map (0xDA). MEAS_SEQR_STEP3_ALS Register Figure 97: MEAS_SEQR_STEP3_ALS Note(s): 1. Return to the Register Map (0xDB). Addr: 0xDA MEAS_SEQR_STEP2_ALS Bit Field Reset Type Bit Description 7:0 MEASUREMENT_ SEQUENCER_ STEP2_MOD_ALS_ PATTERN 0R/W This register contains one bit for each modulator channel (LSB = modulator 0, MSB = modulator 7) which defines if an ALS measurement shall be executed with the respective modulator during measurement sequencer step 2. Addr: 0xDB MEAS_SEQR_STEP3_ALS Bit Field Reset Type Bit Description 7:0 MEASUREMENT_ SEQUENCER_ STEP3_MOD_ALS_ PATTERN 0R/W This register contains one bit for each modulator channel (LSB = modulator 0, MSB = modulator 7) which defines if an ALS measurement shall be executed with the respective modulator during measurement sequencer step 3. |