전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TCS3530 데이터시트(PDF) 47 Page - OSRAM GmbH

부품명 TCS3530
상세설명  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 데이터시트(HTML) 47 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 43Page - OSRAM GmbH TCS3530 Datasheet HTML 44Page - OSRAM GmbH TCS3530 Datasheet HTML 45Page - OSRAM GmbH TCS3530 Datasheet HTML 46Page - OSRAM GmbH TCS3530 Datasheet HTML 47Page - OSRAM GmbH TCS3530 Datasheet HTML 48Page - OSRAM GmbH TCS3530 Datasheet HTML 49Page - OSRAM GmbH TCS3530 Datasheet HTML 50Page - OSRAM GmbH TCS3530 Datasheet HTML 51Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 106 page
background image
Page 46
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Register O ver view
CFG5 Register
Figure 55:
CFG5
Note(s):
1. Return to the Register Map (0xA6).
Addr: 0xA6
CFG5
Bit
Field
Reset
Type
Bit Description
7Reserved
0
6:4
ALS_THRESHOLD_
CHANNEL
0R/W
Selects the modulator channel used for the ALS threshold
metering and subsequent interrupt.
000b default, Modulator 0
001b: Modulator 1
010b: Modulator 2
011b: Modulator 3
….
111b: Modulator7
3:0
APERS
0
R/W
ALS Interrupt Persistence. Defines a filter for the
number of consecutive occurrences that ALS
measurement data must remain outside the threshold
range between AILT and AIHT before an interrupt is
generated. The ALS data channel used for the persistence
filter is set by ALS_THRESHOLD_CHANNEL. Any sample
that is inside the threshold range resets the counter to 0.
Interrupts are generated at
0x0: Every ALS cycle
0x1: Any ALS value outside the threshold range
0x2: 2 consecutive ALS values outside the range
0x3: 3 consecutive ALS values outside the range
0x4: 5 …
0x5: 10 …
…… continued in increments of 5 values
0xE: 55 …
0xF: 60 consecutive ALS values outside the range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More