전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TCS3530 데이터시트(PDF) 95 Page - OSRAM GmbH

부품명 TCS3530
상세설명  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 데이터시트(HTML) 95 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 91Page - OSRAM GmbH TCS3530 Datasheet HTML 92Page - OSRAM GmbH TCS3530 Datasheet HTML 93Page - OSRAM GmbH TCS3530 Datasheet HTML 94Page - OSRAM GmbH TCS3530 Datasheet HTML 95Page - OSRAM GmbH TCS3530 Datasheet HTML 96Page - OSRAM GmbH TCS3530 Datasheet HTML 97Page - OSRAM GmbH TCS3530 Datasheet HTML 98Page - OSRAM GmbH TCS3530 Datasheet HTML 99Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 106 page
background image
Page 94
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Tape & Reel Information
Figure 134:
Tape and Reel Mechanical Drawing
Note(s):
1. All linear dimensions are in millimeters. Dimension tolerance is ± 0.10 mm unless otherwise noted.
2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
3. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481−B 2001.
4. Each reel is generally 330 millimeters in diameter and contains 5000 parts. Please reconfirm for actual orders.
5. ams OSRAM packaging tape and reel conform to the requirements of EIA Standard 481−B.
6. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape.
7. This drawing is subject to change without notice.
Tape & Reel Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More