전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TCS3530 데이터시트(PDF) 51 Page - OSRAM GmbH

부품명 TCS3530
상세설명  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 데이터시트(HTML) 51 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 47Page - OSRAM GmbH TCS3530 Datasheet HTML 48Page - OSRAM GmbH TCS3530 Datasheet HTML 49Page - OSRAM GmbH TCS3530 Datasheet HTML 50Page - OSRAM GmbH TCS3530 Datasheet HTML 51Page - OSRAM GmbH TCS3530 Datasheet HTML 52Page - OSRAM GmbH TCS3530 Datasheet HTML 53Page - OSRAM GmbH TCS3530 Datasheet HTML 54Page - OSRAM GmbH TCS3530 Datasheet HTML 55Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 106 page
background image
Page 50
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Register O ver view
MOD_CHANNEL_CTRL Register
Figure 60:
MOD_CHANNEL_CTRL
Note(s):
1. Return to the Register Map (0xAB).
Addr: 0xAB
MOD_CHANNEL_CTRL
Bit
Field
Reset
Type
Bit Description
7
MOD7_DISABLE
0
R/W
When asserted modulator 7 is disabled
6
MOD6_DISABLE
0
R/W
When asserted modulator 6 is disabled
5
MOD5_DISABLE
0
R/W
When asserted modulator 5 is disabled
4
MOD4_DISABLE
0
R/W
When asserted modulator 4 is disabled
3
MOD3_DISABLE
0
R/W
When asserted modulator 3 is disabled
2
MOD2_DISABLE
0
R/W
When asserted modulator 2 is disabled
1
MOD1_DISABLE
0
R/W
When asserted modulator 1 is disabled
0
MOD0_DISABLE
0
R/W
When asserted modulator 0 is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More