전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISO6520FREUR 데이터시트(PDF) 3 Page - Texas Instruments

부품명 ISO6520FREUR
상세설명  ISO652x General Purpose Dual-Channel Functional Isolators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ISO6520FREUR 데이터시트(HTML) 3 Page - Texas Instruments

  ISO6520FREUR Datasheet HTML 1Page - Texas Instruments ISO6520FREUR Datasheet HTML 2Page - Texas Instruments ISO6520FREUR Datasheet HTML 3Page - Texas Instruments ISO6520FREUR Datasheet HTML 4Page - Texas Instruments ISO6520FREUR Datasheet HTML 5Page - Texas Instruments ISO6520FREUR Datasheet HTML 6Page - Texas Instruments ISO6520FREUR Datasheet HTML 7Page - Texas Instruments ISO6520FREUR Datasheet HTML 8Page - Texas Instruments ISO6520FREUR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
4 Pin Configuration and Functions
1
VCC1
8
VCC2
2
INA
7
OUTA
3
INB
6
OUTB
4
GND1
5
GND2
Not to scale
Figure 4-1. ISO6520 D Package 8-Pin SOIC Top
View
1
VCC1
8
VCC2
2
OUTA
7
INA
3
INB
6
OUTB
4
GND1
5
GND2
Not to scale
Figure 4-2. ISO6521 D Package 8-Pin SOIC Top
View
VCC1
GND1
INA
INB
VCC2
GND2
OUTA
OUTB
Figure 4-3. ISO6520 DFN Package 8-Pin REU Top
View
VCC1
GND1
OUTA
INB
VCC2
GND2
INA
OUTB
Figure 4-4. ISO6521 DFN Package 8-Pin REU Top
View
Table 4-1. Pin Functions
NAME
PIN
TYPE
(1)
Description
ISO6520
ISO6521
GND1
4
4
-
Ground connection for
VCC1
GND2
5
5
-
Ground connection for
VCC2
INA
2
7
I
Input, channel A
INB
3
3
I
Input, channel B
OUTA
7
2
O
Output, channel A
OUTB
6
6
O
Output, channel B
VCC1
1
1
P
Power supply, VCC1
VCC2
8
8
P
Power supply, VCC2
(1)
I = Input, O = Output, P = Power
www.ti.com
ISO6520, ISO6521
SLLSFU0B – AUGUST 2023 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ISO6520 ISO6521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com