전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISO6520FREUR 데이터시트(PDF) 5 Page - Texas Instruments

부품명 ISO6520FREUR
상세설명  ISO652x General Purpose Dual-Channel Functional Isolators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ISO6520FREUR 데이터시트(HTML) 5 Page - Texas Instruments

  ISO6520FREUR Datasheet HTML 1Page - Texas Instruments ISO6520FREUR Datasheet HTML 2Page - Texas Instruments ISO6520FREUR Datasheet HTML 3Page - Texas Instruments ISO6520FREUR Datasheet HTML 4Page - Texas Instruments ISO6520FREUR Datasheet HTML 5Page - Texas Instruments ISO6520FREUR Datasheet HTML 6Page - Texas Instruments ISO6520FREUR Datasheet HTML 7Page - Texas Instruments ISO6520FREUR Datasheet HTML 8Page - Texas Instruments ISO6520FREUR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TEST CONDITIONS
MIN
NOM
MAX
UNIT
IOH
High level output current
VCCO (2) = 5 V
-4
mA
VCCO = 3.3 V
-2
mA
VCCO = 2.5 V
-1
mA
VCCO = 1.8 V
-1
mA
IOL
Low level output current
VCCO = 5 V
4
mA
VCCO = 3.3 V
2
mA
VCCO = 2.5 V
1
mA
VCCO = 1.8 V
1
mA
DR
Data Rate
0
50
Mbps
TA
Ambient temperature
-40
25
125
°C
VIOWM
Functional Isolation Working
Voltage (REU-8)
AC Voltage (sine wave)
200
VRMS
DC Voltage
280
VDC
VIOWM
Functional Isolation Working
Voltage (SOIC-8)
AC Voltage (sine wave)
450
VRMS
DC Voltage
637
VDC
(1)
VCC1 and VCC2 can be set independent of one another
(2)
VCCI = Input-side VCC; VCCO = Output-side VCC
(3)
The channel outputs are in undetermined state when 1.89 V < VCC1, VCC2 < 2.25 V and 1.05 V < VCC1, VCC2 < 1.71 V
5.4 Thermal Information
THERMAL METRIC
(1)
ISO652x
UNIT
DFN (REU-8)
D (SOIC-8)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
143.4
104.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
70.0
48.9
°C/W
RθJB
Junction-to-board thermal resistance
78.3
52.9
°C/W
ψJT
Junction-to-top characterization parameter
4.2
7.9
°C/W
ψJB
Junction-to-board characterization parameter
77.7
52.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.5 Package Characteristics
PARAMETER
TEST CONDITIONS
VALUE
VALUE
UNIT
8-REU
8-D
CLR
External clearance(1)
Shortest pin to pin distance through air >2.2
>4
mm
CPG
External creepage(1)
Shortest pin to pin distance across the
package surface
>2.2
>4
mm
CTI
Comparative tracking index
IEC 60112; UL 746A
>400
>400
V
Material Group
According to IEC 60664-1
II
II
CIO
Capacitance, input to output(2)
VIO = 0.4 × sin (2 πft), f = 1 MHz
≅0.5
≅0.5
pF
RIO
Resistance, input to output(2)
TA = 25°C
>1012
>1012
Ω
(1)
Creepage and clearance requirements must be applied according to the specific equipment isolation standards of an application. Care
must be taken to maintain the creepage and clearance distance of a board design to verify that the mounting pads of the isolator on
the printed-circuit board do not reduce this distance. Creepage and clearance on a printed-circuit board become equal in certain cases.
Techniques such as inserting grooves, ribs, or both on a printed circuit board are used to help increase these specifications.
(2)
All pins on each side of the barrier tied together creating a two-pin device.
www.ti.com
ISO6520, ISO6521
SLLSFU0B – AUGUST 2023 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ISO6520 ISO6521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com