전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISO6520FREUR 데이터시트(PDF) 30 Page - Texas Instruments

부품명 ISO6520FREUR
상세설명  ISO652x General Purpose Dual-Channel Functional Isolators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ISO6520FREUR 데이터시트(HTML) 30 Page - Texas Instruments

Back Button ISO6520FREUR Datasheet HTML 25Page - Texas Instruments ISO6520FREUR Datasheet HTML 26Page - Texas Instruments ISO6520FREUR Datasheet HTML 27Page - Texas Instruments ISO6520FREUR Datasheet HTML 28Page - Texas Instruments ISO6520FREUR Datasheet HTML 29Page - Texas Instruments ISO6520FREUR Datasheet HTML 30Page - Texas Instruments ISO6520FREUR Datasheet HTML 31Page - Texas Instruments ISO6520FREUR Datasheet HTML 32Page - Texas Instruments ISO6520FREUR Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
www.ti.com
PACKAGE OUTLINE
C
3.1
2.9
2.1
1.9
1.05
0.95
2X 1.5
6X 0.5
8X
0.5
0.3
8X
0.3
0.2
0.01
0.00
(0.2)
(38 )
(0.125)
VSON - 1.05 mm max height
REU0008A
PLASTIC SMALL OUTLINE - NO LEAD
4229400/A 02/2023
0.08 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
PIN 1 INDEX AREA
SEATING PLANE
SYMM
SYMM
1
4
5
8
0.1
C A B
0.05
C
PIN 1 ID
SEE DETAIL A
SCALE 5.000
A40.000
DETAIL A
TYPICAL
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com