전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISO6520FREUR 데이터시트(PDF) 13 Page - Texas Instruments

부품명 ISO6520FREUR
상세설명  ISO652x General Purpose Dual-Channel Functional Isolators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ISO6520FREUR 데이터시트(HTML) 13 Page - Texas Instruments

Back Button ISO6520FREUR Datasheet HTML 9Page - Texas Instruments ISO6520FREUR Datasheet HTML 10Page - Texas Instruments ISO6520FREUR Datasheet HTML 11Page - Texas Instruments ISO6520FREUR Datasheet HTML 12Page - Texas Instruments ISO6520FREUR Datasheet HTML 13Page - Texas Instruments ISO6520FREUR Datasheet HTML 14Page - Texas Instruments ISO6520FREUR Datasheet HTML 15Page - Texas Instruments ISO6520FREUR Datasheet HTML 16Page - Texas Instruments ISO6520FREUR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Free Air Temperature (
C)
-55
-5
45
95
125
1.3
1.325
1.35
1.375
1.4
1.425
1.45
1.475
1.5
1.525
1.55
1.575
1.6
VCC1-
VCC1+
VCC2-
VCC2+
Figure 5-7. Power Supply Undervoltage Threshold
vs Free-Air Temperature
Free Air Temperature (C)
-40
10
60
110
7
8.5
10
11.5
13
14.5
16
17.5
19
tPHL at 1.8V
tPHL at 2.5V
tPHL at 3.3V
tPHL at 5V
tPLH at 1.8V
tPLH at 2.5V
tPLH at 3.3V
tPLH at 5V
Figure 5-8. Propagation Delay Time vs Free-Air
Temperature
www.ti.com
ISO6520, ISO6521
SLLSFU0B – AUGUST 2023 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISO6520 ISO6521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com