전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISO6520FREUR 데이터시트(PDF) 1 Page - Texas Instruments

부품명 ISO6520FREUR
상세설명  ISO652x General Purpose Dual-Channel Functional Isolators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ISO6520FREUR 데이터시트(HTML) 1 Page - Texas Instruments

  ISO6520FREUR Datasheet HTML 1Page - Texas Instruments ISO6520FREUR Datasheet HTML 2Page - Texas Instruments ISO6520FREUR Datasheet HTML 3Page - Texas Instruments ISO6520FREUR Datasheet HTML 4Page - Texas Instruments ISO6520FREUR Datasheet HTML 5Page - Texas Instruments ISO6520FREUR Datasheet HTML 6Page - Texas Instruments ISO6520FREUR Datasheet HTML 7Page - Texas Instruments ISO6520FREUR Datasheet HTML 8Page - Texas Instruments ISO6520FREUR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
ISO652x General Purpose Dual-Channel Functional Isolators
1 Features
• Dual channel, CMOS output functional isolators
• 50Mbps data rate
• Robust SiO2 isolation barrier with ±150kV/μs
typical CMTI
• Functional Isolation (8-REU):
– 200VRMS, 280VDC working voltage
– 570VRMS, 800VDC transient voltage (60s)
• Functional Isolation (8-D):
– 450VRMS, 637VDC working voltage
– 707VRMS, 1000VDC transient voltage (60s)
• Available in a compact 8-REU package with
>2.2mm creepage
• Wide supply range: 1.71V to 1.89V and 2.25V to
5.5V
• 1.71V to 5.5V level translation
• Default output High (ISO652x) and Low
(ISO652xF) Options
• Wide temperature range: –40°C to 125°C
• 1.8mA per channel typical at 1Mbps at 3.3V
• Low propagation delay: 11ns typical at 3.3V
• Robust electromagnetic compatibility (EMC)
– System-Level ESD, EFT, and surge immunity
– Ultra-low emissions
• Leadless-DFN (8-REU) package and Narrow-
SOIC (8-D) package options
2 Applications
• Power supplies
• Grid, Electricity meter
• Motor drives
• Factory automation
• Building automation
• Lighting
• Appliances
OUTx
GNDO
GNDI
VCCO
VCCI
Series Isolation
Capacitors
Copyright © 2016, Texas Instruments Incorporated
INx
VCCI=Input supply, VCCO=Output supply
GNDI=Input ground, GNDO=Output ground
Simplified Schematic
3 Description
The ISO652x devices are high-performance, dual-
channel functional isolators designed for cost
sensitive, space constrained applications that require
isolation for non-safety applications. The isolation
barrier supports a working voltage of 200VRMS /
280VDC and transient over voltages of 570VRMS /
800VDC.
The devices provide high electromagnetic immunity
and low emissions at low power consumption, while
isolating CMOS or LVCMOS digital I/Os. Each
isolation channel has a logic input and output buffer
separated by TI's double capacitive silicon dioxide
(SiO2) insulation barrier. ISO6520 has two isolation
channels with both channels in the same direction.
ISO6521 has two isolation channels with one channel
in each direction. In the event of input power or signal
loss, the default output is high for devices without
suffix F and low for devices with suffix F. See Device
Functional Modes section for further details.
These devices help prevent noise currents on data
buses, such as UART, SPI, RS-485, RS-232, and
CAN from damaging sensitive circuitry. Through chip
design and layout techniques, the electromagnetic
compatibility of the devices have been significantly
enhanced to ease system-level ESD and emissions
compliance.
Package Information
PART NUMBER
PACKAGE (1) PACKAGE SIZE(2)
ISO6520, ISO6520F
DFN (8-REU)
3.0mm x 2.0mm
ISO6521, ISO6521F
ISO6520, ISO6520F
D (8)
4.9mm x 6.0mm
ISO6521, ISO6521F
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
ISO6520, ISO6521
SLLSFU0B – AUGUST 2023 – REVISED APRIL 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - ISO6520FREUR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ISO6520F TI1-ISO6520F Datasheet
1,023Kb / 30P
ISO652x General Purpose Dual-Channel Functional Isolators
AUGUST 2023
ISO6520F TI1-ISO6520F Datasheet
1Mb / 38P
ISO652x General Purpose Dual-Channel Functional Isolators
REVISED DECEMBER 2023
ISO6520F TI1-ISO6520F Datasheet
1Mb / 41P
ISO652x General Purpose Dual-Channel Functional Isolators
DECEMBER 2023
ISO6520F-Q1 TI-ISO6520F-Q1 Datasheet
1Mb / 29P
ISO652x-Q1 General Purpose Dual-Channel Automotive Functional Isolators
FEBRUARY 2025
ISO6520F-Q1 TI2-ISO6520F-Q1 Datasheet
1Mb / 29P
ISO652x-Q1 General Purpose Dual-Channel Automotive Functional Isolators
REVISED FEBRUARY 2025
More results

유사한 설명 - ISO6520FREUR

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
Dual-Channel Digital Isolators
9/04-Data Sheet Changed from Rev. A to Rev. B
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO6721 TI1-ISO6721 Datasheet
1Mb / 38P
ISO672x General Purpose Dual-Channel Digital Isolators with Robust EMC
ISO6721-Q1 TI1-ISO6721-Q1 Datasheet
1Mb / 38P
ISO672x-Q1 General Purpose Dual-Channel Digital Isolators with Robust EMC
logo
HALO Electronics, Inc.
TGAD-260NALF HALO-TGAD-260NALF Datasheet
437Kb / 1P
Functional Insulation for Analog Devices Quad Channel Isolators
logo
Texas Instruments
ISO6720 TI-ISO6720 Datasheet
3Mb / 46P
ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
ISO6720 TI-ISO6720_V01 Datasheet
3Mb / 43P
ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
ISO6720 TI-ISO6720_V02 Datasheet
3Mb / 49P
ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
REVISED SEPTEMBER 2021
ISO6521 TI1-ISO6521 Datasheet
1,023Kb / 30P
ISO652x General Purpose Dual-Channel Functional Isolators
AUGUST 2023
ISO6520 TI1-ISO6520 Datasheet
1Mb / 38P
ISO652x General Purpose Dual-Channel Functional Isolators
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com