| 전자부품 데이터시트 검색엔진 |
|
MC68HC908GR4MP 데이터시트(PDF) 139 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC908GR4MP 데이터시트(HTML) 139 Page - Freescale Semiconductor, Inc |
|
139 / 286 page ![]() Functional Description MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7 Freescale Semiconductor 139 A sequence of IREAD or IWRITE commands can access a block of memory sequentially over the full 64K byte memory map. Table 15-7. IWRITE (Indexed Write) Command Description Write to last address accessed + 1 Operand Single data byte Data Returned None Opcode $19 Command Sequence Table 15-8. READSP (Read Stack Pointer) Command Description Reads stack pointer Operand None Data Returned Returns incremented stack pointer value (SP + 1) in high-byte:low-byte order Opcode $0C Command Sequence Table 15-9. RUN (Run User Program) Command Description Executes PULH and RTI instructions Operand None Data Returned None Opcode $28 Command Sequence IWRITE IWRITE ECHO FROM HOST DATA DATA READSP READSP ECHO FROM HOST SP RETURN SP HIGH LOW RUN RUN ECHO FROM HOST |