| 전자부품 데이터시트 검색엔진 |
|
PL75-9 데이터시트(PDF) 17 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PL75-9 데이터시트(HTML) 17 Page - List of Unclassifed Manufacturers |
|
17 / 141 page ![]() R Trompeter Products Catalog - T21 Military/Aerospace ISO 9001 Registered (800) 982-2629 Fax: (818) 706-1040 www.trompeter.com 17 Bulkhead Push-on Plug PL151 Front mount, Solder pot Mounting Hole: C1.088 Push-on Cable Plug PL153- Wrench Crimp Push-on Cable Plug PL153AC- Tool Crimp TRS/TTM Coupling Adapter 3-lug AD158 (Barrel connector) 4-lug AD158FL Threaded AD3158 Bulkhead Push-on Jack BJ151 Front mount, Solder pot Mounting Hole: C1.088 Subminiature 150/3150 series AD158 Shown PL153-29 Shown - Refers to Cable Group Table see pages 91-133. "D" mounting holes see page 54 1 1 1 BN153 Shown "T" Adapter 3-lug BN153 4-lug BN153FL Threaded BN3153 Bulkhead Mount Jack with PC Tails 305-1222 Mounting Hole: D4.125 Right Angle Circuit Board Jack 3-lug CBJR157 4-lug CBJR157FL Threaded CBJR3157 3-lug CBJ157 4-lug CBJ157FL Circuit Board Jack Threaded CBJ3157 Max Board Thickness .125 CBJ157 Shown CBJR157 Shown ORIENT "D" FLAT TO LEGS AS SHOWN 1.590 .590 .100 .375-32UNEF-2A .4375-28UNEF-2A .500 HEX NUT O-RING .998 .498 (.200) Ø.060 (2 PL) Ø.028 (2 PL) INTERMEDIATE CONTACT CENTER CONTACT .100 .722 .170 .308 .013 .400 TYP .049/.045 DIA 6 HOLES .200 TYP .100" .300 .070 DIA 4 PLACES .200 .100 .100 .062 DIA TYP .778 .413 .125 ;;;;;;; ;;;;;;; ;;;;;;; ;;;;;;; 1.156 1.034 .375 WRENCH FLATS ;;;;; ;;;;; ;;;;; ;;;;; ;;;;; ;;;;; ;;;;; 1.070 .400 DIA MAX OVER KNURL 1.022 .461 .3125-32UNEF-2A 3/8 HEX NUT 3/8 WRENCH FLATS SOLDER POT ACCEPTS .026 MAX DIA COND. .093 DIA .470 DIA .717 .093 DIA .750 MAX .470 DIA .375 WRENCH FLATS .375 HEX NUT .450 .3125-32UNEF-2A .985 SOLDER POT ACCEPTS .026 MAX DIA COND. .686 .375 WRENCH FLATS .080 .375 HEX NUT .437 DIA 1.259 .030 SHRINKABLE STRAIN RELIEF SHRINKABLE SEALING SLEEVE (LONG) .442 DIA MAX Twinax/Triax TRS Subminiature Right Angle Bulkhead Rear Mount 3-lug CBBJR159 Max Panel Thickness: .125 D-Hole: D4 .590 .665 ±.030 .4375-28UNEF-2A .500 HEX NUT .120 .125 .562 HEX .660 ±.030 Ø.443 .439 .190 .187 .300 ±.003 Ø.070 ± .001 4 PLACES .200 ±.003 .100 ± .003 .100 ±.003 Ø.062 ±.001 TYP |