전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PL75-9 데이터시트(PDF) 85 Page - List of Unclassifed Manufacturers

부품명 PL75-9
상세설명  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

PL75-9 데이터시트(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button PL75-9 Datasheet HTML 81Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 82Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 83Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 84Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 85Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 86Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 87Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 88Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
85
Electronic systems wiring & cable
Many cable defects are not readily visible and may not show up with-
out proper testing. The reputation of the manufacturer, the type, quan-
tity and quality of material used is more important than cost savings
in selecting coax cable.
Be careful that cable does not support heavy equipment or is subject
to prolonged exposure to heat in system installations. Do not bend
cable beyond the manufacturer's recommended bend radius in order
to avoid producing cable discontinuity. Try to space high signal level
or power circuits separate from low signal level cables when routing
cables.
Signal cables are usually manufactured with polyethylene which is
adequate for normal use. Teflon™ dielectric and sheathed cables
should be used where high heat or chemical action will attack poly
cables (such as in aircraft or industrial plants). The National Fire Un-
derwriters now requires non-fire supporting cable to be used for all
open wiring in public buildings (plenum wiring). Fire insurance rates
can be greatly reduced in computer, nuclear accelerator and other large
installations if TFE or FEP cables are used.
All transmission cable manufacturers should provide the electronic
characteristics of their cables (including power handling and attenua-
tion per foot versus frequency) to aid the system design engineer in
doing a proper job. For instance, RG58C has the following character-
istics if built to military specifications:
Attenuation in dB per 100 foot length
(Ambient temperature 100°F in free space at sea level)
Frequency MHz
50
100 200 400
1K
3K
5K
Attenuation
3.3
4.9
7.4
12
24
54
83
Power (Watts)
450 300 200 135
80
40
20
Note how quickly the cable becomes unusable at the higher frequen-
cies. Lowering the dielectric constant of the dielectric with Teflon™
or foamed Teflon™ and silver plating the inner and outer conductors
to increase the skin effect conductivity will greatly improve the high
frequency usage. The increase in performance justifies the additional
cost. Keep in mind that for a 10 dB loss, only 3/10ths of the transmit-
ted voltage will show up at the receiving end, and only 1/10th of the
generated power will be available. (Assuming a reasonably good im-
pedance match.) If the operating temperature is higher than the rated
temperature or if the cable is used at high altitudes, the attenuation
and power handling capacity should be derated.
Low-priced cable should be carefully considered. Any reduction in
the amount of copper in the conductors or in the quality of materials
used throughout will effect performance. Many manufacturers pro-
vide better performance in their smaller cables by using materials
better than minimum Mil Specs require. Cable performance will also
degrade with time and can be adversely affected by the environment
where it is installed (sun, ozone, salt, sulphur products, etc.). A cable's
shielding effectiveness versus the signal frequency to be transmitted
should also be considered where noise pickup can be a problem. It is
usually financially and physically impossible to undo any damage or
replace cables once they are installed and terminated.
All RG59 cables are not the same. By adding the word “Type” a
manufacturer may bypass minimum spec requirements to reduce pric-
ing. Some manufacturers build a "better than Mil Spec" cable and
supply a superior product. They also must use the word “Type” since
they exceed or deviate enough from the electrical and mechanical
specifications. (This also applies to connectors). Be cautious of "low
bid" surplus dealers, distributors, or packaging houses. Inventoried
cable may deteriorate with time. The design engineer and installa-
tion technician must be aware of the many hidden and unknown cable
properties that may be detrimental to the system's performance. Buy-
ers accepting low bids may burden engineers and technicians with
future problems due to hidden deficiencies.
Coax Cable Connectors
Any connector must be able to interconnect with very low DC series
resistance (less than 10 milliohms). The impedance of a connector
is usually of no consequence below approximately 300 MHz. The
connector does not contribute to circuit performance until the signal
length approaches 1/20th of a wavelength. 50 ohm connectors can
be attached to 75 ohm video cables with little detrimental effect.
However, the effect of a connector on a signal is cumulative. Coax
connectors should be impedance matched to the system impedance
for frequencies above 300 MHz.
The generation of intermodulation and nonlinear distortion caused
by the presence of ferromagnetic material in the conductor has be-
come a more prominent factor in the selection of cables and connec-
tors.
Heat treated beryllium-copper should be used for critical con-
tact springs to maintain contact resilience. Many manufacturers use
ordinary brass which soon loses its contact pressure and the connec-
tor becomes noisy or fails.
The systems engineer can no longer afford to take connectors for
granted. He must be aware of cable characteristics such as attenua-
tion, phase displacement, and transfer impedance. The systems en-
gineer must also understand the inherent characteristics of the many
connector families available and the strengths and weaknesses of
individual manufacturers' connector designs. He must be willing to
expend the time and effort to specify the quality component his sys-
tem demands.
The many types and series of coax connectors presently available
can cause confusion for users. Many of the lesser known series were
designed to address specific problems or were developed by com-
mercial companies for their own proprietary product line. The con-
nector series listed below have gained universal acceptance due to
their simplicity and performance. They are produced and stocked by
the majority of coax connector manufacturers.
Nominal Cable
Connector
Quick
Threaded
Size O.D.
Size
Disconnect
.060 to .425
Standard
C
N
.060 to .425
Miniature
BNC
TNC
.060 to .225
Subminiature
TPS
TCM
Much can be written to discuss the advantages of one series of con-
nectors over another. Selection is normally based on cost or perform-
ance depending upon the system parameters required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com