전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PL75-9 데이터시트(PDF) 60 Page - List of Unclassifed Manufacturers

부품명 PL75-9
상세설명  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

PL75-9 데이터시트(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button PL75-9 Datasheet HTML 56Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 57Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 58Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 59Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 60Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 61Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 62Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 63Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
60
High Frequency Video Patching
HDTV-Ready High Frequency 75 Ohm Dual
Coaxial Normal-Thru Mini-WECo Patch Jack
Un-Terminated
J314MW
Terminated
J314MWT
3.294
.375
1.994
1.294
1.500
.450
Ø.156 TYP
.375
.500
J314MW
J314MWT
J314MWT (Self-terminating)
Inserting a plug into the source side automatically
terminates the load side. Insertion into the load side
automatically terminates the source side. Either
provides a resistive load to the unused side.
J314MW (Non-terminated)
Inserting a plug into either side breaks the normal-
through. Normal-thru is BNC to BNC.
The J314MW is a low profile jack designed for HDTV digital
applications where space allocation is critical (see Application
Notes). Smaller and with a lower profile than the standard
WECo jacks, the J314MW allows for 128 ports in the same rack
space as 48 standard jacks, a density improvement of 30% more
patching. This miniature high frequency dual coaxial “normal-
thru” digital patch jack establishes a benchmark for superior
mechanical design, wideband performance, dependability and
reliability at a highly competitive price.
Designed with a short signal path to better control matched
impedance, the robust 75 ohm design offers extended band
width of 1MHz to 3GHz with return loss performance of 23dB
@ 2.2GHz (the highest frequency required for uncompressed
1080i).
This performance is fully 8dB better than the
SMPTE292M requirement. The J314MW achieves full
uncompressed signal processing capability through 3GHz at
performance levels of -20dB in the normal-through condition
and -15dB in the patch through mode.
The Trompeter jack is designed lighter and uses fewer moving
parts than other designs.
The J314MW weighs 36 grams
compared to similar competitive products weighing 81 grams
on average - a weight savings of 56%! The design provides self-
wiping action upon plug insertion, a proven approach for
circular plug applications, which eliminating the need for heavy
and complex dust control plungers and multiple actuators
common to other designs.
Precision construction, use of the finest materials, true impedance
matched components and outstanding RF performance combined
with Trompeter’s tradition of superior reliability makes this prod-
uct a benchmark for outstanding value.
Application Notes:
This mini-WECo patch jack is ideal for mobile video news vans,
high density in-station patching, remote site trucks, uplink/down-
link stations, and cable headends when higher frequency, high
density applications for HDTV video signals are or will be used.
Trompeter’s new J314MW high frequency miniature dual coaxial
“normal-thru” digital patch jack establishes a benchmark for supe-
rior mechanical design, wideband performance, dependability and
reliability.
Offering a short signal path to better control matched impedance, its
robust 75 ohm design also offers extended bandwidth of 1Mhz to
3GHz with return loss performance @2.25GHz (the highest fre-
quency required for uncompressed 1080i) that is fully 8dB better
than the SMPTE292M requirement.
Smaller and with a lower profile than the standard WECo jacks, the
J314MW allows for as many as 32 jacks in a one rack unit high
panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com