전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PL75-9 데이터시트(PDF) 82 Page - List of Unclassifed Manufacturers

부품명 PL75-9
상세설명  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

PL75-9 데이터시트(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button PL75-9 Datasheet HTML 78Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 79Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 80Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 81Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 82Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 83Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 84Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 85Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
82
signal transmission in
high frequency/high density applications
Impedance
An inherent characteristic for transmission lines is impedance,
which is measured in ohms. Impedance is the ratio of voltage to
current in a traveling wave. For a "loss-less" cable, it can be
defined in terms of the ratio of inductance to capacitance. In a
coaxial construction, it can be alternatively defined as a function
of geometry and material properties of the dielectric material
between the concentric conductors. This equation can be stated
as :
Z
0
=
character impedance
ε =
dielectric constant of the insulation material
D =
inside diameter of the outer conductor
d
=
outside diameter of the inner conductor
Physically, impedance can be thought of as the value of resis-
tance that, when connected between the center conductor and
shield at the end of the cable, makes the cable appear infinitely
long. The most efficient transmission of electrical power, hence
maximum signal transfer, occurs when the distributed compo-
nent impedance matches that of the system.
Impedance mismatch creates a reflected wave of energy, which
can be measured and stated in different forms. By defining a
reflection coefficient (
ρ), which is the reflected voltage divided
by incident voltage, the measure of reflection losses can be
stated as:
Reflection Loss
(dB) = 10 Log
10 (1 / 1-ρ
2) dB
or
Voltage Standing Wave Ratio
(VSWR) = (1+ρ) / (1-ρ)
Return loss is the decibel loss due to reflection, and VSWR is a
unitless ratio relating incident voltage to reflected voltage.
These commonly used terms that quantify the loss associated
with reflection are two scales for the same characteristic. They
can be equated as follows:
Return Loss (dB) = 20 Log
10 {(VSWR + 1) /
(VSWR -1)}
Reflection losses are a function of frequency - increasing with
increasing frequency - and impedance mismatch. It is helpful to
note that VSWR is the ratio of the maximum standing wave
voltage to the minimum standing wave voltage. VSWR, there-
fore, is infinite for total reflection (i.e. 0 minimum voltage) and
is 1.0 for perfect transmission (no reflection). The closer to
unity, the better the impedance match and the more efficient the
transmission system.
Three Examples
Figure 1 (on page 81) shows comparison return loss data from
1 MHz through 2 GHz for the following three scenarios:
1. 75
Ω system (includes cable and test set); 50Ω BNC
connector;
2. 75
Ω system; approximate 75Ω BNC connector; and
3. 75
Ω system; "true" 75Ω BNC connector.
From this, it is clear that the return loss degrades as a function
of the frequency and also as a function of the extent of the
impedance mismatch between the connector and cable. At
higher frequencies the impedance match becomes more critical.
Other factors influence the reflection loss as well.
These
include: the homogeneity of a composite dielectric material; the
even dispersion of air within and around a dielectric; and the
"smoothing" of the mechanical transmissions between the im-
pedance mismatches within the connector. This includes the
tandem increase or decrease in sizing of the diameters for the
inner and outer conductor, as well as the effect of chamfers/
breaks at sharp transitions.
Other Considerations
Aside from the electrical and electromagnetic performance
issues, connectors that disconnect should be capable of tough-
ness, durability and robust in-field use with high counts of repeat
mating cycles without failure or interruption. Other nonelectri-
cal performance measures of importance are insertion force and
retention force, particularly after repeated matings.
Conclusion
Market Trends,
Technical Considerations and Practical Examples for
Shielded Disconnectable Interconnects
Market needs are impacting electrical and electromagnetic de-
mands on connector performance. A basic understanding of the
physics involved in electrical circuit design and transition lines
is necessary to appreciate the impact of losses associated with
the connector. This understanding includes resistance, capaci-
tance, inductance, efficiency, reflection losses associated with
impedance mismatch, and dielectric losses associated with the
materials used for connector dielectrics.
Impedance mismatch between the source, cable and connector
is less significant at lower than at higher frequencies. However,
as system content and speed increases, the permissible fault
tolerances goes down dramatically. In other words, one impact
of high technology is greater dependance on tighter tolerance
quality and part-to-part repeatability. These discoveries have
caused shifts in sourcing, as buying companies mature in their
appreciation for robust design engineering and fabrication ex-
cellence. The connector industry is not immune from this
development. ■
Z
0
138
=
√ε
(Log D/d)
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com