전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PL75-9 데이터시트(PDF) 63 Page - List of Unclassifed Manufacturers

부품명 PL75-9
상세설명  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

PL75-9 데이터시트(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button PL75-9 Datasheet HTML 59Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 60Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 61Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 62Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 63Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 64Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 65Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 66Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
63
Standard coax patch jacks
Patch Jacks J15, J14, J24, and J314 can be mounted vertically or horizontally on 5/8" centers. Mounting tabs are normally "back-to-
back" as shown. For side-by-side tabs for horizontal mounting, add the letter "L" for left-hand tabs or "R" for right hand tabs (not
available on J24, J214, and J314).
R-Resistance (1/2 W1%)
Standard Panels see pages 42-45.
- Refers to the cable group table, see pages 91-133.
High Frequency
Normal-Thru
with Monitor
Dual Coax Patch Jack
To be used with grey aluminum insulated panel..JSIS-72 (see page 54)
J24WMSTHF-75
1
BNC RECEPTACLES
.625
2.125
.750
.156
DIA TYP
2.409
.570
2.660
.487
.562
SCHEMATIC
J15 Series
Cable Rear Entry
Normally one BNC or TNC rear entry connection.
Rear Entry
Prewired?
Center pin
50Ω RCA
BNC
Single
Y
.070"
J15B
BNC
Single
N
.070"
J15BA
BNC
Dual
Y
.070"
J15BB
BNC
Dual
N
.070"
J15BBA
TNC
Single
Y
.070"
J15H
TNC
Single
N
.070"
J15HA
TNC
Dual
Y
.070"
J15HH
TNC
Dual
N
.070"
J15HHA
Cable
Single
N
.070"
J15-
Rear Entry
Prewired?
Center pin
75Ω WE
BNC
Single
Y
.090"
J15WB
BNC
Single
N
.090"
J15WBA
BNC
Dual
Y
.090"
J15WBB
BNC
Dual
N
.090"
J15WBBA
TNC
Single
Y
.090"
J15WH
TNC
Single
N
.090"
J15WHA
TNC
Dual
Y
.090"
J15WHH
TNC
Dual
N
.090"
J15WHHA
Cable
Single
N
.090"
J15W-
1
1
3.460
.625
.471
1.380
.570
2.881
.570
.471
.625
.447
DIATYP
BNC JACKS
REAR
ENTRY
(TYPICAL)
NC
NC
NO
NO
SOURCE
LOAD
NC
NC
SOURCE
LOAD
NC
MONITOR
PROBE
NC
MONITOR
PROBE
NO
SOURCE
LOAD
TERMINATED:
PROVIDES A RESISTIVE LOAD TO THE
UNUSED SIDE. INSERTING A PLUG
INTO THE THE SOURCE SIDE
AUTOMATICALLY TERMINATES
THE LOAD SIDE. INSERTION INTO
THE LOAD SIDE AUTOMATICALLY
TERMINATES THE SOURCE SIDE.
UN-TERMINATED:
INSERTING A PLUG INTO EITHER SIDE
BREAKS THE NORMAL-THRU.
MONITOR-TERMINATED:
INSERTING A PLUG INTO THE SOURCE SIDE
PROVIDES A RESISTIVE LOAD TO THE
LOAD SIDE. INSERTION INTO THE
LOAD SIDE MONITORS THE NORMAL-THRU
SIGNAL ONLY.
MONITOR:
INSERTING A PLUG INTO THE SOURCE
SIDE BREAKS THE NORMAL-THRU.
INSERTION INTO THE LOAD SIDE
MONITORS THE NORMAL-THRU
SIGNAL ONLY.
SCHEMATICS
J14 Series
50Ω RCA Standard
Rear Entry
Configuration
Center-pin
Part#
BNC
Unterminated
.070"
J14
BNC
Terminated
.070"
J14T-R
BNC
Monitor
.070"
J14M
BNC
Monitor-Terminated
.070"
J14MT-R
TNC
Unterminated
.070"
J14H
TNC
Terminated
.070"
J14HT-R
TNC
Monitor
.070"
J14MH
TNC
Monitor-Terminated
.070"
J14MHT-R
Cable Crimp Unterminated
.070"
J14C-
Cable Crimp Terminated
.070"
J14CT-R-
Cable Crimp Monitor
.070"
J14MC-
Cable Crimp Monitor-Terminated
.070"
J14MCT-R-
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com