전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XRT83VSH28IB 데이터시트(PDF) 28 Page - Exar Corporation

부품명 XRT83VSH28IB
상세설명  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH28IB 데이터시트(HTML) 28 Page - Exar Corporation

Back Button XRT83VSH28IB Datasheet HTML 24Page - Exar Corporation XRT83VSH28IB Datasheet HTML 25Page - Exar Corporation XRT83VSH28IB Datasheet HTML 26Page - Exar Corporation XRT83VSH28IB Datasheet HTML 27Page - Exar Corporation XRT83VSH28IB Datasheet HTML 28Page - Exar Corporation XRT83VSH28IB Datasheet HTML 29Page - Exar Corporation XRT83VSH28IB Datasheet HTML 30Page - Exar Corporation XRT83VSH28IB Datasheet HTML 31Page - Exar Corporation XRT83VSH28IB Datasheet HTML 32Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
XRT83VSH28
PRELIMINARY
25
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
REV. P1.0.0
2.4
HDB3 Decoder
In single rail mode, RPOS can decode AMI or HDB3 signals. HDB3 is defined as any block of 4 successive
zeros replaced with 000V or B00V, so that two successive V pulses are of opposite polarity to prevent a DC
component. If the HDB3 decoder is selected, the receive path removes the V and B pulses so that the original
data is output to RPOS.
2.5
RPOS/RNEG/RCLK
The digital output data can be programmed to either single rail or dual rail formats. Figure 10 is a timing
diagram of a repeating "0011" pattern in single-rail mode. Figure 11 is a timing diagram of the same fixed
pattern in dual rail mode.
FIGURE 10. SINGLE RAIL MODE WITH A FIXED REPEATING "0011" PATTERN
FIGURE 11. DUAL RAIL MODE WITH A FIXED REPEATING "0011" PATTERN
RCLK
RPOS
00
0
1
1
RCLK
RPOS
00
0
1
1
RNEG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com