전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XRT83VSH28IB 데이터시트(PDF) 43 Page - Exar Corporation

부품명 XRT83VSH28IB
상세설명  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH28IB 데이터시트(HTML) 43 Page - Exar Corporation

Back Button XRT83VSH28IB Datasheet HTML 39Page - Exar Corporation XRT83VSH28IB Datasheet HTML 40Page - Exar Corporation XRT83VSH28IB Datasheet HTML 41Page - Exar Corporation XRT83VSH28IB Datasheet HTML 42Page - Exar Corporation XRT83VSH28IB Datasheet HTML 43Page - Exar Corporation XRT83VSH28IB Datasheet HTML 44Page - Exar Corporation XRT83VSH28IB Datasheet HTML 45Page - Exar Corporation XRT83VSH28IB Datasheet HTML 46Page - Exar Corporation XRT83VSH28IB Datasheet HTML 47Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
PRELIMINARY
XRT83VSH28
40
REV. P1.0.0
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
5.1.2
24-Bit Serial Data Input Descritption
The serial data input is sampled on the rising edge of SCLK. In readback mode, the serial data output is
updated on the falling edge of SCLK. The serial data must be applied to the LIU LSB first. The 24 bits of serial
data are described below.
5.1.3
ADDR[7:0] (SCLK1 - SCLK8)
The first 8 SCLK cycles are used to provide the address to which a Read or Write operation will occur.
ADDR[0] (LSB) must be sent to the LIU first followed by ADDR[1] and so forth until all 8 address bits have been
sampled by SCLK.
5.1.4
R/W (SCLK9)
The next serial bit applied to the LIU informs the microprocessor that a Read or Write operation is desired. If
the R/W bit is set to “0”, the microprocessor is configured for a Write operation. If the R/W bit is set to “1”, the
microprocessor is configured for a Read operation.
5.1.5
Dummy Bits (SCLK10 - SCLK16)
The next 7 SCLK cycles are used as dummy bits. Seven bits were chosen so that the serial interface can easily
be divided into three 8-bit words to be compliant with standard serial interface devices. The state of these bits
are ignored and can hold either “0” or “1” during both Read and Write operations.
5.1.6
DATA[7:0] (SCLK17 - SCLK24)
The next 8 SCLK cycles are used to provide the data to be written into the internal register chosen by the
address bits. DATA[0] (LSB) must be sent to the LIU first followed by DATA[1] and so forth until all 8 data bits
have been sampled by SCLK. Once 24 SCLK cycles have been completed, the LIU holds the data until CS is
pulled “High” whereby, the serial microprocessor latches the data into the selected internal register.
5.1.7
8-Bit Serial Data Output Description
The serial data output is updated on the falling edge of SCLK17 - SCLK24 if R/W is set to “1”. DATA[0] (LSB) is
provided on SCLK17 to the SDO pin first followed by DATA[1] and so forth until all 8 data bits have been
updated. The SDO pin allows the user to read the contents stored in individual registers by providing the
desired address on the SDI pin during the Read cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com