| 전자부품 데이터시트 검색엔진 |
|
XRT83VSH28IB 데이터시트(PDF) 40 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT83VSH28IB 데이터시트(HTML) 40 Page - Exar Corporation |
|
40 / 74 page ![]() XRT83VSH28 PRELIMINARY 37 8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT REV. P1.0.0 4.2.6 Receive Interface with N+1 Redundancy For N+1 redundancy, the receivers on the primary cards should be programmed for internal impedance. The receivers on the backup card should be programmed for "High" impedance mode. To swap the primary card, set the backup card to internal impedance, then the primary card to "High" impedance. See Figure 27 for a simplified block diagram of the receive section for a N+1 redundancy scheme. FIGURE 27. SIMPLIFIED BLOCK DIAGRAM OF THE RECEIVE INTERFACE FOR N+1 REDUNDANCY Backplane Interface Primary Card XRT83VSH28 Rx Line Interface Card Primary Card Rx Primary Card Rx Backup Card Rx Internal Impedence E1 Line E1 Line E1 Line 1:1 1:1 1:1 XRT83VSH28 XRT83VSH28 XRT83VSH28 Internal Impedence Internal Impedence "High" Impedence |