전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XRT83VSH28IB 데이터시트(PDF) 69 Page - Exar Corporation

부품명 XRT83VSH28IB
상세설명  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH28IB 데이터시트(HTML) 69 Page - Exar Corporation

Back Button XRT83VSH28IB Datasheet HTML 65Page - Exar Corporation XRT83VSH28IB Datasheet HTML 66Page - Exar Corporation XRT83VSH28IB Datasheet HTML 67Page - Exar Corporation XRT83VSH28IB Datasheet HTML 68Page - Exar Corporation XRT83VSH28IB Datasheet HTML 69Page - Exar Corporation XRT83VSH28IB Datasheet HTML 70Page - Exar Corporation XRT83VSH28IB Datasheet HTML 71Page - Exar Corporation XRT83VSH28IB Datasheet HTML 72Page - Exar Corporation XRT83VSH28IB Datasheet HTML 73Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 74 page
background image
PRELIMINARY
XRT83VSH28
66
REV. P1.0.0
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
TABLE 41: MICROPROCESSOR REGISTER 0XC0H BIT DESCRIPTION
GLOBAL REGISTER (0XC0H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D[7:1]
Reserved
These register bits are not used.
R/W
0
D0
E1Arben
E1 Arbitrary Pulse Enable
This bit is used to enable the Arbitrary Pulse Generators for shap-
ing the transmit pulse shape when E1 mode is selected. If this bit
is set to "1", all 8 channels will be configured for the Arbitrary
Mode. However, each channel is individually controlled by pro-
gramming the channel registers 0xn8 through 0xnF, where n is the
number of the channel.
"0" = Disabled (Normal E1 Pulse Shape ITU G.703)
"1" = Arbitrary Pulse Enabled
R/W
0
TABLE 42: MICROPROCESSOR REGISTER 0XFEH BIT DESCRIPTION
DEVICE "ID" REGISTER (0XFEH)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
D6
D5
D4
D3
D2
D1
D0
Device "ID" The device "ID" of the XRT83VSH28 short haul LIU is 0xE9h.
Along with the revision "ID", the device "ID" is used to enable soft-
ware to identify the silicon adding flexibility for system control and
debug.
RO
1
1
1
0
1
0
0
1
TABLE 43: MICROPROCESSOR REGISTER 0XFFH BIT DESCRIPTION
REVISION "ID" REGISTER (0XFFH)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
D6
D5
D4
D3
D2
D1
D0
Revision
"ID"
The revision "ID" of the XRT83VSH28 LIU is used to enable soft-
ware to identify which revision of silicon is currently being tested.
The revision "ID" for the first revision of silicon will be 0x01h.
RO
0
0
0
0
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com