전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XRT83VSH28IB 데이터시트(PDF) 33 Page - Exar Corporation

부품명 XRT83VSH28IB
상세설명  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH28IB 데이터시트(HTML) 33 Page - Exar Corporation

Back Button XRT83VSH28IB Datasheet HTML 29Page - Exar Corporation XRT83VSH28IB Datasheet HTML 30Page - Exar Corporation XRT83VSH28IB Datasheet HTML 31Page - Exar Corporation XRT83VSH28IB Datasheet HTML 32Page - Exar Corporation XRT83VSH28IB Datasheet HTML 33Page - Exar Corporation XRT83VSH28IB Datasheet HTML 34Page - Exar Corporation XRT83VSH28IB Datasheet HTML 35Page - Exar Corporation XRT83VSH28IB Datasheet HTML 36Page - Exar Corporation XRT83VSH28IB Datasheet HTML 37Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 74 page
background image
PRELIMINARY
XRT83VSH28
30
REV. P1.0.0
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
FIGURE 17. SIMPLIFIED BLOCK DIAGRAM OF THE ATAOS FUNCTION
3.5.2
QRSS Generation
The XRT83VSH28 can transmit a QRSS random sequence to a remote location from TTIP/TRING.
The
polynomial is shown in Table 8.
3.5.3
Arbitrary Pulse Generator For E1
The arbitrary pulse generator divides the pulse into eight individual segments. Each segment is set by a 7-Bit
binary word by programming the appropriate channel register. This allows the system designer to set the
overshoot, amplitude, and undershoot for a unique line build out. The MSB (bit 7) is a sign-bit. If the sign-bit is
set to "0", the segment will move in a positive direction relative to a flat line (zero) condition. If this sign-bit is
set to "1", the segment will move in a negative direction relative to a flat line condition. The resolution of the
DAC is typically 60mV per LSB. Thus, writing 7-bit = 1111111 will clamp the output at either voltage rail
corresponding to a maximum amplitude. A pulse with numbered segments is shown in Figure 18.
FIGURE 18. ARBITRARY PULSE SEGMENT ASSIGNMENT
NOTE: By default, the arbitrary segments are programmed to 0x00h. The transmitter outputs will result in an all zero
pattern to the line interface.
3.6
DMO (Digital Monitor Output)
TABLE 8: RANDOM BIT SEQUENCE POLYNOMIALS
RANDOM PATTERN
E1
QRSS
215 - 1
RLOS
ATAOS
TAOS
TTIP
TRING
Tx
1
2
3
4
5
6
7
8
Segment
Register
1
0xn8
2
0xn9
3
0xna
4
0xnb
5
0xnc
6
0xnd
7
0xne
8
0xnf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com