전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST26VF032B-104I/SM 데이터시트(PDF) 53 Page - Microchip Technology

부품명 SST26VF032B-104I/SM
상세설명  2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032B-104I/SM 데이터시트(HTML) 53 Page - Microchip Technology

Back Button SST26VF032B-104I/SM Datasheet HTML 49Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 50Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 51Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 52Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 53Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 54Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 55Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 56Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
 2013-2022 Microchip Technology Inc. and its subsidiaries
DS20005218K-page 53
SST26VF032B/SST26VF032BA
Note:
24-Ball Thin Profile Ball Grid Array (TD) - 6x8 mm Body [TBGA]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82