전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA3602 데이터시트(PDF) 14 Page - NXP Semiconductors

부품명 TDA3602
상세설명  Multiple output voltage regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3602 데이터시트(HTML) 14 Page - NXP Semiconductors

Back Button TDA3602 Datasheet HTML 10Page - NXP Semiconductors TDA3602 Datasheet HTML 11Page - NXP Semiconductors TDA3602 Datasheet HTML 12Page - NXP Semiconductors TDA3602 Datasheet HTML 13Page - NXP Semiconductors TDA3602 Datasheet HTML 14Page - NXP Semiconductors TDA3602 Datasheet HTML 15Page - NXP Semiconductors TDA3602 Datasheet HTML 16Page - NXP Semiconductors TDA3602 Datasheet HTML 17Page - NXP Semiconductors TDA3602 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
July 1994
14
Philips Semiconductors
Product specification
Multiple output voltage regulator
TDA3602
handbook, full pagewidth
Regulator 1
C2
10
µF
8.5 V
2
Regulator 2
C3
10
µF
5 V
9
Regulator 3
C4
10
µF
5 V continuous
7
6
ground
C8
220 nF
C1
> 220
µF
C8
220 nF
C5
68 nF
state control
R1
47 k
TDA3602
1
8
3
reset
P
V
bu
V
hold
mute
5
4
MCD349 - 1
on / off
SW1
retro - rack
Fig.7 Low end application circuit.
handbook, full pagewidth
5 V continuous
MCD350 - 1
Regulator 1
C2
10
µF
8.5 V
2
Regulator 2
C3
10
µF
5 V
9
Regulator 3
C4
10
µF
7
6
ground
C8
220 nF
C1
> 220
µF
C5
3.3
µF
state control
R2
2.2 k
TDA3602
1
8
3
reset
P
V
bu
V
hold
mute
5
4
retro - rack
C6
100 nF
R1
100 k
R3
47 k
battery
off
SW2
on
SW1
T1
Fig.8 Application circuit 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com