| 전자부품 데이터시트 검색엔진 |
|
PM8621 데이터시트(PDF) 121 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM8621 데이터시트(HTML) 121 Page - PMC-Sierra, Inc |
|
121 / 184 page ![]() NSE-8G™ Standard Product Data Sheet Preliminary Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use 120 Document ID: PMC-2010850, Issue 1 RX_LINK[1:0] These bits indicate the value of the LINK bits from the message header of the last message received (without a CRC-16 error). RX_STTS_VALID This bit indicates that the values of RX_MSG_LVL , RX_LINK, OPAGE, OUSER are valid. In 32 bit mode this bit also indicates whether the value of RX_AUX (returned in bits 16 to 23) is valid. When read with a ‘0’ this register should be re-read until RX_STTS_VALID is a ‘1’. This bit will be set for only approximately 0.15% of time. |