전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MNSC140CORE 데이터시트(PDF) 4 Page - Freescale Semiconductor, Inc

부품명 MNSC140CORE
상세설명  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE 데이터시트(HTML) 4 Page - Freescale Semiconductor, Inc

  MNSC140CORE Datasheet HTML 1Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 2Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 3Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 4Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 5Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 6Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 7Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 8Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
MSC8122 Technical Data, Rev. 13
iv
Freescale Semiconductor
Features
Features
Feature
Description
SC140 Cores
Four SC140 cores:
• Up to 8000 MMACS using 16 ALUs running at up to 500 MHz.
• A total of 1436 KB of internal SRAM (224 KB per core + 16 KB ICache per core + the shared M2 memory).
Each SC140 core provides the following:
• Up to 2000 MMACS using an internal 500 MHz clock. A MAC operation includes a multiply-accumulate
command with the associated data move and pointer update.
• 4 ALUs per SC140 core.
• 16 data registers, 40 bits each.
• 27 address registers, 32 bits each.
• Hardware support for fractional and integer data types.
• Very rich 16-bit wide orthogonal instruction set.
• Up to six instructions executed in a single clock cycle.
• Variable-length execution set (VLES) that can be optimized for code density and performance.
• IEEE Std 1149.1™ JTAG port.
• Enhanced on-device emulation (EOnCE) with real-time debugging capabilities.
Extended Core
Each SC140 core is embedded within an extended core that provides the following:
• 224 KB M1 memory that is accessed by the SC140 core with zero wait states.
• Support for atomic accesses to the M1 memory.
• 16 KB instruction cache, 16 ways.
• A four-entry write buffer that frees the SC140 core from waiting for a write access to finish.
• External cache support by asserting the global signal (GBL) when predefined memory banks are accessed.
• Programmable interrupt controller (PIC).
• Local interrupt controller (LIC).
Multi-Core Shared
Memories
• 476 KB M2 memory (shared memory) working at the core frequency, accessible from the local bus, and
accessible from all four SC140 cores using the MQBus.
• 4 KB bootstrap ROM.
M2-Accessible Multi-
Core Bus (MQBus)
• A QBus protocol multi-master bus connecting the four SC140 cores to the M2 memory.
• Data bus access of up to 128-bit read and up to 64-bit write.
• Operation at the SC140 core frequency.
• A central efficient round-robin arbiter controlling SC140 core access on the MQBus.
• Atomic operation control of access to M2 memory by the four SC140 cores and the local bus.
Internal PLL
• Generates up to 500 MHz core clock and up to166 MHz bus clocks for the 60x-compatible local and system
buses and other modules.
• PLL values are determined at reset based on configuration signal values.
60x-Compatible
System Bus
• 64/32-bit data and 32-bit address 60x bus.
• Support for multiple-master designs.
• Four-beat burst transfers (eight-beat in 32-bit wide mode).
• Port size of 64, 32, 16, and 8 controlled by the internal memory controller.
• Bus can access external memory expansion or off-device peripherals, or it can enable an external host device to
access internal resources.
• Slave support, direct access by an external host to internal resources including the M1 and M2 memories.
• On-device arbitration between up to four master devices.
Direct Slave
Interface (DSI)
A 32/64-bit wide slave host interface that operates only as a slave device under the control of an external host
processor.
• 21–25 bit address, 32/64-bit data.
• Direct access by an external host to internal and external resources, including the M1 and the M2 memories as
well as external devices on the system bus.
• Synchronous and asynchronous accesses, with burst capability in the synchronous mode.
• Dual or Single strobe modes.
• Write and read buffers improve host bandwidth.
• Byte enable signals enables 1, 2, 4, and 8 byte write access granularity.
• Sliding window mode enables access with reduced number of address pins.
• Chip ID decoding enables using one
CS signal for multiple DSPs.
• Broadcast
CS signal enables parallel write to multiple DSPs.
• Big-endian, little-endian, and munged little-endian support.
3-Mode Signal
Multiplexing
• 64-bit DSI, 32-bit system bus.
• 32-bit DSI, 64-bit system bus.
• 32-bit DSI, 32-bit system bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88