전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ACT596 데이터시트(PDF) 16 Page - Texas Instruments

부품명 SN74ACT596
상세설명  SN74ACT596-Q1 Automotive 8-Bit Shift Register With Open-Drain Output Registers And TTL-Compatible Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT596 데이터시트(HTML) 16 Page - Texas Instruments

Back Button SN74ACT596 Datasheet HTML 12Page - Texas Instruments SN74ACT596 Datasheet HTML 13Page - Texas Instruments SN74ACT596 Datasheet HTML 14Page - Texas Instruments SN74ACT596 Datasheet HTML 15Page - Texas Instruments SN74ACT596 Datasheet HTML 16Page - Texas Instruments SN74ACT596 Datasheet HTML 17Page - Texas Instruments SN74ACT596 Datasheet HTML 18Page - Texas Instruments SN74ACT596 Datasheet HTML 19Page - Texas Instruments SN74ACT596 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
8.2.2 Detailed Design Procedure
1. Add a decoupling capacitor from VCC to GND. The capacitor needs to be placed physically close to the
device and electrically close to both the VCC and GND pins. An example layout is shown in the Layout
section.
2. Ensure the capacitive load at the output is ≤ 50pF. This is not a hard limit; by design, however, it will
optimize performance. This can be accomplished by providing short, appropriately sized traces from the
SN74ACT596-Q1 to one or more of the receiving devices.
3. Ensure the resistive load at the output is larger than (VCC / IO(max))Ω. Doing this will prevent the maximum
output current from the Absolute Maximum Ratings from being violated. Most CMOS inputs have a resistive
load measured in MΩ; much larger than the minimum calculated previously.
4. Thermal issues are rarely a concern for logic gates; the power consumption and thermal increase, however,
can be calculated using the steps provided in the application report, CMOS Power Consumption and Cpd
Calculation.
8.2.3 Application Curves
QA
QB
SER
QC
QD
QE
QF
QG
QH
QH¶
SRCLK rising edge shifts data
in the serial registers only
QA
QB
SER
QC
QD
QE
QF
QG
QH
QH¶
RCLK rising edge shifts data
to the output registers
Figure 8-2. Simplified Functional Diagram Showing Clock Operation
8.3 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating listed in the
Recommended Operating Conditions.
Each VCC terminal should have a good bypass capacitor to prevent power disturbance. For the SN74ACT596-
Q1, a 0.1μF bypass capacitor is recommended. To reject different frequencies of noise, use multiple bypass
capacitors in parallel. Capacitors with values of 0.1μF and 1μF are commonly used in parallel.
8.4 Layout
8.4.1 Layout Guidelines
• Bypass capacitor placement
– Place near the positive supply terminal of the device
– Provide an electrically short ground return path
– Use wide traces to minimize impedance
– Keep the device, capacitors, and traces on the same side of the board whenever possible
• Signal trace geometry
SN74ACT596-Q1
SCASE34 – NOVEMBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74ACT596-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com