전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ACT596 데이터시트(PDF) 11 Page - Texas Instruments

부품명 SN74ACT596
상세설명  SN74ACT596-Q1 Automotive 8-Bit Shift Register With Open-Drain Output Registers And TTL-Compatible Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT596 데이터시트(HTML) 11 Page - Texas Instruments

Back Button SN74ACT596 Datasheet HTML 7Page - Texas Instruments SN74ACT596 Datasheet HTML 8Page - Texas Instruments SN74ACT596 Datasheet HTML 9Page - Texas Instruments SN74ACT596 Datasheet HTML 10Page - Texas Instruments SN74ACT596 Datasheet HTML 11Page - Texas Instruments SN74ACT596 Datasheet HTML 12Page - Texas Instruments SN74ACT596 Datasheet HTML 13Page - Texas Instruments SN74ACT596 Datasheet HTML 14Page - Texas Instruments SN74ACT596 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
7.3.5 Clamp Diode Structure
The open-drain outputs to this device have negative clamping diodes only as depicted in Figure 7-3, and the
push-pull outputs to this device have both positive and negative clamping diodes as depicted in Figure 7-4. The
inputs to this device have both positive and negative clamping diodes as depicted in both previously referenced
figures.
CAUTION
Voltages beyond the values specified in the Absolute Maximum Ratings table can cause damage
to the device. The input and output voltage ratings may be exceeded if the input and output clamp-
current ratings are observed.
Figure 7-3. Electrical Placement of Clamping
Diodes for Each Input and Open-Drain Output
GND
Logic
Input
Output
VCC
Device
-IIK
+IIK
+IOK
-IOK
Figure 7-4. Electrical Placement of Clamping
Diodes for Each Input and Push-Pull Output
7.4 Device Functional Modes
Table 7-1 lists the functional modes of the SN74ACT596-Q1. Outputs QA – QH are open-drain. Open-drain
outputs drive low when in the low (L) state, and enter the high-impedance (Z) state when set to the high (H)
state.
Table 7-1. Function Table
INPUTS
FUNCTION
SER
SRCLK
SRCLR
RCLK
OE
X
X
X
X
H
Outputs QA – QH are disabled
X
X
X
X
L
Outputs QA – QH are enabled.
X
X
L
X
X
Shift register is cleared.
L
↑
H
X
X
First stage of the shift register goes low.
Other stages store the data of previous stage,
respectively.
H
↑
H
X
X
First stage of the shift register goes high.
Other stages store the data of previous stage,
respectively.
X
X
H
↑
X
Shift-register data is stored in the storage register.
X
↑
H
↑
X
Data in shift register is stored in the storage
register, the data is then shifted through.
www.ti.com
SN74ACT596-Q1
SCASE34 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: SN74ACT596-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com