전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ACT596 데이터시트(PDF) 10 Page - Texas Instruments

부품명 SN74ACT596
상세설명  SN74ACT596-Q1 Automotive 8-Bit Shift Register With Open-Drain Output Registers And TTL-Compatible Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT596 데이터시트(HTML) 10 Page - Texas Instruments

Back Button SN74ACT596 Datasheet HTML 6Page - Texas Instruments SN74ACT596 Datasheet HTML 7Page - Texas Instruments SN74ACT596 Datasheet HTML 8Page - Texas Instruments SN74ACT596 Datasheet HTML 9Page - Texas Instruments SN74ACT596 Datasheet HTML 10Page - Texas Instruments SN74ACT596 Datasheet HTML 11Page - Texas Instruments SN74ACT596 Datasheet HTML 12Page - Texas Instruments SN74ACT596 Datasheet HTML 13Page - Texas Instruments SN74ACT596 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
being damaged. It is important for the output power of the device to be limited to avoid damage due to
overcurrent. The electrical and thermal limits defined in the Absolute Maximum Ratings must be followed at all
times.
When placed into the high-impedance state, the output will neither source nor sink current, with the exception of
minor leakage current as defined in the Electrical Characteristics table. In the high-impedance state, the output
voltage is not controlled by the device and is dependent on external factors. If no other drivers are connected to
the node, then this is known as a floating node and the voltage is unknown. A pull-up resistor can be connected
to the output to provide a known voltage at the output while it is in the high-impedance state. The value of
the resistor will depend on multiple factors, including parasitic capacitance and power consumption limitations.
Typically, a 10kΩ resistor can be used to meet these requirements.
Unused open-drain CMOS outputs should be left disconnected.
7.3.3 TTL-Compatible CMOS Inputs
This device includes TTL-compatible CMOS inputs. These inputs are specifically designed to interface with TTL
logic devices by having a reduced input voltage threshold.
TTL-compatible CMOS inputs are high impedance and are typically modeled as a resistor in parallel with
the input capacitance given in the Electrical Characteristics. The worst case resistance is calculated with the
maximum input voltage, given in the Absolute Maximum Ratings, and the maximum input leakage current, given
in the Electrical Characteristics, using Ohm's law (R = V ÷ I).
TTL-compatible CMOS inputs require that input signals transition between valid logic states quickly, as defined
by the input transition time or rate in the Recommended Operating Conditions table. Failing to meet this
specification will result in excessive power consumption and could cause oscillations. More details can be found
in the Implications of Slow or Floating CMOS Inputs application report.
Do not leave TTL-compatible CMOS inputs floating at any time during operation. Unused inputs must be
terminated at VCC or GND. If a system will not be actively driving an input at all times, a pull-up or pull-down
resistor can be added to provide a valid input voltage during these times. The resistor value will depend on
multiple factors; however, a 10kΩ resistor is recommended and typically will meet all requirements.
7.3.4 Wettable Flanks
This device includes wettable flanks for at least one package. See the Features section on the front page of the
data sheet where packages include this feature.
Package
We able Flank Lead
PCB
Pad
Standard Lead
Package
Solder
Figure 7-2. Simplified Cutaway View of Wettable-Flank QFN Package and Standard QFN Package After
Soldering
Wettable flanks help improve side wetting after soldering, which makes QFN packages easier to inspect with
automatic optical inspection (AOI). As shown in Figure 7-2, a wettable flank can be dimpled or step-cut to
provide additional surface area for solder adhesion which assists in reliably creating a side fillet. See the
mechanical drawing for additional details.
SN74ACT596-Q1
SCASE34 – NOVEMBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74ACT596-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com