전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ACT596 데이터시트(PDF) 17 Page - Texas Instruments

부품명 SN74ACT596
상세설명  SN74ACT596-Q1 Automotive 8-Bit Shift Register With Open-Drain Output Registers And TTL-Compatible Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT596 데이터시트(HTML) 17 Page - Texas Instruments

Back Button SN74ACT596 Datasheet HTML 13Page - Texas Instruments SN74ACT596 Datasheet HTML 14Page - Texas Instruments SN74ACT596 Datasheet HTML 15Page - Texas Instruments SN74ACT596 Datasheet HTML 16Page - Texas Instruments SN74ACT596 Datasheet HTML 17Page - Texas Instruments SN74ACT596 Datasheet HTML 18Page - Texas Instruments SN74ACT596 Datasheet HTML 19Page - Texas Instruments SN74ACT596 Datasheet HTML 20Page - Texas Instruments SN74ACT596 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
– 8mil to 12mil trace width
– Lengths less than 12cm to minimize transmission line effects
– Avoid 90° corners for signal traces
– Use an unbroken ground plane below signal traces
– Flood fill areas around signal traces with ground
– For traces longer than 12cm
• Use impedance controlled traces
• Source-terminate using a series damping resistor near the output
• Avoid branches; buffer signals that must branch separately
8.4.2 Layout Example
W
W
≥ 5W
WORST
BETTER
BEST
Figure 8-3. Example Trace Corners for Improved Signal Integrity
1
2
3
4
5
6
7
14
13
12
11
10
9
8
GND
V
CC
GND
V
CC
0.1
F
Figure 8-4. Example Bypass Capacitor Placement
for TSSOP and Similar Packages
0.1
F
VCC
GND
1
20
10
11
2
3
4
5
6
7
8
9
12
13
14
15
16
17
18
19
GND
V
CC
GND
Figure 8-5. Example Bypass Capacitor Placement
for WQFN and Similar Packages
1
2
3
6
5
4
GND
GND
V
CC
0.1
F
V
CC
Figure 8-6. Example Bypass Capacitor Placement for SOT, SC70 and Similar Packages
www.ti.com
SN74ACT596-Q1
SCASE34 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: SN74ACT596-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com