| 전자부품 데이터시트 검색엔진 |
|
ADC3441 데이터시트(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADC3441 데이터시트(HTML) 21 Page - Texas Instruments |
|
21 / 88 page ![]() Frequency (MHz) 0 50 100 150 200 250 300 350 400 56 64 72 80 88 96 104 D718 Dither_EN Dither_DIS Frequency (MHz) 0 50 100 150 200 250 300 350 400 67 68 69 70 71 72 73 74 75 D717 Dither_EN Dither_DIS Each Tone Amplitude (dBFS) -35 -31 -27 -23 -19 -15 -11 -7 -115 -110 -105 -100 -95 -90 D715 Each Tone Amplitude (dBFS) -35 -31 -27 -23 -19 -15 -11 -7 -110 -105 -100 -95 -90 -85 -80 D716 Frequency (MHz) 0 2.5 5 7.5 10 12.5 -120 -110 -100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 D713 Frequency (MHz) 0 2.5 5 7.5 10 12.5 -120 -110 -100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 D714 21 ADC3441, ADC3442, ADC3443, ADC3444 www.ti.com SBAS670B – JULY 2014 – REVISED APRIL 2017 Product Folder Links: ADC3441 ADC3442 ADC3443 ADC3444 Submit Documentation Feedback Copyright © 2014–2017, Texas Instruments Incorporated Typical Characteristics: ADC3441 (continued) typical values are at TA = 25°C, ADC sampling rate = 25 MSPS, 50% clock duty cycle, AVDD = 1.8 V, DVDD = 1.8 V, –1- dBFS differential input, 2-VPP full-scale, 32k-point FFT, chopper disabled, SNR reported with a 1-MHz offset from dc when chopper is disabled and from fS / 2 when chopper is enabled, and dither on (unless otherwise noted) fIN1 = 184.5 MHz, fIN2 = 189.5 MHz, IMD3 = 93 dBFS, each tone at –7 dBFS Figure 13. FFT for Two-Tone Input Signal (–7 dBFS at 185 MHz and 190 MHz) fIN1 = 184.5 MHz, fIN2 = 189.5 MHz, IMD3 = 109 dBFS, each tone at –36 dBFS Figure 14. FFT for Two-Tone Input Signal (–36 dBFS at 185 MHz and 190 MHz) Figure 15. Intermodulation Distortion vs Input Amplitude (46 MHz and 50 MHz) Figure 16. Intermodulation Distortion vs Input Amplitude (185 MHz and 190 MHz) Figure 17. Signal-to-Noise Ratio vs Input Frequency Figure 18. Spurious-Free Dynamic Range vs Input Frequency |