전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC3441 데이터시트(PDF) 34 Page - Texas Instruments

부품명 ADC3441
상세설명  ADC344x Quad-Channel, 14-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3441 데이터시트(HTML) 34 Page - Texas Instruments

Back Button ADC3441 Datasheet HTML 30Page - Texas Instruments ADC3441 Datasheet HTML 31Page - Texas Instruments ADC3441 Datasheet HTML 32Page - Texas Instruments ADC3441 Datasheet HTML 33Page - Texas Instruments ADC3441 Datasheet HTML 34Page - Texas Instruments ADC3441 Datasheet HTML 35Page - Texas Instruments ADC3441 Datasheet HTML 36Page - Texas Instruments ADC3441 Datasheet HTML 37Page - Texas Instruments ADC3441 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
Temperature (°C)
-40
-15
10
35
60
85
85
87
89
91
93
95
D323
AVDD = 1.7 V
AVDD = 1.75 V
AVDD = 1.8 V
AVDD = 1.85 V
AVDD = 1.9 V
Temperature (°C)
-40
-15
10
35
60
85
72
72.5
73
73.5
74
74.5
75
D324
AVDD = 1.7 V
AVDD = 1.75 V
AVDD = 1.8 V
AVDD = 1.85 V
AVDD = 1.9 V
Input Common-Mode Voltage (V)
0.85
0.9
0.95
1
1.05
1.1
68
82
70
84
72
86
74
88
76
90
78
92
D321
SNR
SFDR
Input Common-Mode Voltage (V)
0.85
0.9
0.95
1
1.05
1.1
68
82
70
84
72
86
74
88
76
90
78
92
D322
SNR
SFDR
Amplitude (dBFS)
-70
-60
-50
-40
-30
-20
-10
0
70.5
20
71
40
71.5
60
72
80
72.5
100
73
120
73.5
140
74
160
74.5
180
D319
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
Amplitude (dBFS)
-70
-60
-50
-40
-30
-20
-10
0
70.5
20
71
40
71.5
60
72
80
72.5
100
73
120
73.5
140
74
160
74.5
180
D320
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
34
ADC3441, ADC3442, ADC3443, ADC3444
SBAS670B – JULY 2014 – REVISED APRIL 2017
www.ti.com
Product Folder Links: ADC3441 ADC3442 ADC3443 ADC3444
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Typical Characteristics: ADC3443 (continued)
typical values are at TA = 25°C, ADC sampling rate = 80 MSPS, 50% clock duty cycle, AVDD = 1.8 V, DVDD = 1.8 V, –1-
dBFS differential input, 2-VPP full-scale, 32k-point FFT, chopper disabled, SNR reported with a 1-MHz offset from dc when
chopper is disabled and from fS / 2 when chopper is enabled, and dither on (unless otherwise noted)
Figure 85. Performance vs Input Amplitude (30 MHz)
Figure 86. Performance vs Input Amplitude (170 MHz)
Figure 87. Performance vs Input Common-Mode Voltage
(30 MHz)
Figure 88. Performance vs Input Common-Mode Voltage
(170 MHz)
Figure 89. Spurious-Free Dynamic Range vs
AVDD Supply and Temperature (170 MHz)
Figure 90. Signal-to-Noise Ratio vs
AVDD Supply and Temperature (170 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com