전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC3441 데이터시트(PDF) 57 Page - Texas Instruments

부품명 ADC3441
상세설명  ADC344x Quad-Channel, 14-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3441 데이터시트(HTML) 57 Page - Texas Instruments

Back Button ADC3441 Datasheet HTML 53Page - Texas Instruments ADC3441 Datasheet HTML 54Page - Texas Instruments ADC3441 Datasheet HTML 55Page - Texas Instruments ADC3441 Datasheet HTML 56Page - Texas Instruments ADC3441 Datasheet HTML 57Page - Texas Instruments ADC3441 Datasheet HTML 58Page - Texas Instruments ADC3441 Datasheet HTML 59Page - Texas Instruments ADC3441 Datasheet HTML 60Page - Texas Instruments ADC3441 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
DVDD
AVDD
CLK
RESET
SEN
t1
t2
t3
t4
t5
t7
t6
t8
Device ready for
register read/write
Valid
conversions
CLK frequency has stabilized
Internal pull-up to AVDD
57
ADC3441, ADC3442, ADC3443, ADC3444
www.ti.com
SBAS670B – JULY 2014 – REVISED APRIL 2017
Product Folder Links: ADC3441 ADC3442 ADC3443 ADC3444
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
9.5.2 ADC3441 Power-Up Requirements
Power-up begins with the application of AVDD and DVDD. The exact sequencing and ramp rate of AVDD and
DVDD are not important as long as the parameters in Table 7 are met.
After power-up, the RESET pin must be pulsed high to reset the internal registers to the default values.
Figure 160 and Table 7 show a power-up sequence.
During operation, the device registers can be restored to the default values by either pulsing the RESET pin high
or by issuing a software reset via the SPI interface. A software reset can be issued by writing bit 0 of register 06h
high. This bit is self-clearing.
Figure 160. Power-Up Timing
Table 7. Power-Up Timing Table
MIN
NOM
MAX
UNIT
t1
AVDD supply power-up ramp time
10
ms
t2
DVDD supply power-up ramp time
10
ms
t3
AVDD to DVDD power-up delay
-10
10
ms
t4
Device power-up to RESET assertion
1
ms
t5
RESET assertion duration
10
ns
t6
RESET deassertion to SEN assertion
10
µs
t7
RESET deassertion to valid conversions
150
µs
t8
CLK stable frequency to valid conversions
150
µs
After the power supplies are valid, enable the sample clock. The sampling clock can be enabled before or after
reset, but conversions are not valid until at least a minimum time after reset and the time that the sample clock
reaches a stable frequency, as shown in Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com