전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC3441 데이터시트(PDF) 62 Page - Texas Instruments

부품명 ADC3441
상세설명  ADC344x Quad-Channel, 14-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3441 데이터시트(HTML) 62 Page - Texas Instruments

Back Button ADC3441 Datasheet HTML 58Page - Texas Instruments ADC3441 Datasheet HTML 59Page - Texas Instruments ADC3441 Datasheet HTML 60Page - Texas Instruments ADC3441 Datasheet HTML 61Page - Texas Instruments ADC3441 Datasheet HTML 62Page - Texas Instruments ADC3441 Datasheet HTML 63Page - Texas Instruments ADC3441 Datasheet HTML 64Page - Texas Instruments ADC3441 Datasheet HTML 65Page - Texas Instruments ADC3441 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
62
ADC3441, ADC3442, ADC3443, ADC3444
SBAS670B – JULY 2014 – REVISED APRIL 2017
www.ti.com
Product Folder Links: ADC3441 ADC3442 ADC3443 ADC3444
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
9.6.1.5 Register 06h (address = 06h)
Figure 165. Register 06h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
TEST PATTERN EN
RESET
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 14. Register 06h Field Descriptions
Bit
Field
Type
Reset
Description
7-2
0
W
0h
Must write 0.
1
TEST PATTERN EN
R/W
0h
Enables test pattern selection for the digital outputs.
0 = Normal output
1 = Test pattern output enabled
0
RESET
R/W
0h
Software reset applied.
This bit resets all internal registers to the default values and self-
clears to 0.
9.6.1.6 Register 07h (address = 07h)
Figure 166. Register 07h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
OVR ON LSB
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 15. Register 07h Field Descriptions
Bit
Field
Type
Reset
Description
7-1
0
W
0h
Must write 0.
0
OVR ON LSB
R/W
0h
OVR information on the LSB bits.
0 = Output data bit 0 functions as the LSB of the 14-bit data
1 = Output data bit 0 carries the overrange (OVR) information.
9.6.1.7 Register 09h (address = 09h)
Figure 167. Register 09h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
ALIGN TEST PATTERN
DATA FORMAT
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 16. Register 09h Field Descriptions
Bit
Field
Type
Reset
Description
7-2
0
W
0h
Must write 0.
1
ALIGN TEST PATTERN
R/W
0h
This bit aligns the test patterns across the outputs of both
channels.
0 = Test patterns of both channels are free running
1 = Test patterns of both channels are aligned
0
DATA FORMAT
R/W
0h
Digital output data format.
0 = Twos complement
1 = Offset binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com