| 전자부품 데이터시트 검색엔진 |
|
SPSB081 데이터시트(PDF) 127 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB081 데이터시트(HTML) 127 Page - STMicroelectronics |
|
127 / 137 page ![]() Table 129. QFN32L Epad (5.0x5.0x1.0 mm) package mechanical data Symbol Dimension in mm Min. Typ. Max. A 0.80 0.90 1.00 A1 0 - 0.05 A2 - 0.2 REF - A3 0.1 - - D 5.00 BSC D2 3.40 3.50 3.60 E 5.00 BSC E2 3.40 3.50 3.60 e1 0.5 BSC k 0.20 - - L1 - . 0.05 La 0.40 0.50 0.50 bA 0.20 0.25 0.30 h - 0.19 REF - h1 - 0.19 REF - LB 0.45 0.5 0.55 bB 0.20 0.25 0.30 N 32 R1 - - 0.1 Tolerance of form and position aaa 0.15 bbb 0.10 ccc 0.10 ddd 0.05 eee 0.08 fff 0.10 SPSB081 QFN32L Epad (5.0x5.0x1.0 mm) package information DS14048 - Rev 3 page 127/137 |