| 전자부품 데이터시트 검색엔진 |
|
SPC563M60X 데이터시트(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC563M60X 데이터시트(HTML) 48 Page - STMicroelectronics |
|
48 / 128 page ![]() MSEO[1](18) eTPU_A[29] GPIO[225] Nexus Msg Start/End Out eTPU A Ch. GPIO PCR[225] 01(19) 10 00 O O I/O VDDEH7 Multi-V – / – – / – 101 124 JTAG / TEST TCK JTAG Test Clock Input — — I VDDEH7 Multi-V TCK / Down TCK / Down 105 128 TDI(20) eMIOS[5] GPIO[232] JTAG Test Data Input eMIOS Ch. GPIO PCR[232] 01(21) 10 00 I O I/O VDDEH7 Multi-V – / – – / – 107 130 TDO(20) eMIOS[6] GPIO[228] JTAG Test Data Output eMIOS Ch. GPIO PCR[228] 01(21) 10 00 O O I/O VDDEH7 Multi-V – / – – / – 100 123 TMS JTAG Test Mode Select Input — — I VDDEH7 Multi-V TMS / Up TMS / Up 108 131 JCOMP JTAG TAP Controller Enable — — I VDDEH7 Multi-V JCOMP / Down JCOMP / Down 98 121 CAN CAN_A_TX SCI_A_TX GPIO[83] CAN_A Transmit eSCI_A Transmit GPIO PCR[83] 01 10 00 O O I/O VDDEH6a Slow – / Up – / Up(22) 66 81 CAN_A_RX SCI_A_RX GPIO[84] CAN_A Receive eSCI_A Receive GPIO PCR[84] 01 10 00 I I I/O VDDEH6a Slow – / Up – / Up 67 82 CAN_C_TX GPIO[87] CAN_C Transmit GPIO PCR[87] 01 00 O I/O VDDEH6a Medium – / Up – / Up 84 101 Table 4. SPC563Mx signal properties (continued) Name Function(1) Pad Config. Register (PCR)(2) PCR PA Field(3) I/O Type Voltage(4) / Pad Type Reset State(5) Function / State After Reset(6) Pin No. LQFP 144 LQFP 176 |