전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC563M60X 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 SPC563M60X
상세설명  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 7Page - STMicroelectronics SPC563M60X Datasheet HTML 8Page - STMicroelectronics SPC563M60X Datasheet HTML 9Page - STMicroelectronics SPC563M60X Datasheet HTML 10Page - STMicroelectronics SPC563M60X Datasheet HTML 11Page - STMicroelectronics SPC563M60X Datasheet HTML 12Page - STMicroelectronics SPC563M60X Datasheet HTML 13Page - STMicroelectronics SPC563M60X Datasheet HTML 14Page - STMicroelectronics SPC563M60X Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 128 page
background image
DocID14642 Rev 12
11/128
SPC563M64x, SPC563M60x
Overview
127
– Software controlled clock gating of peripherals
– Low power stop mode, with all clocks stopped
–
Fabricated in 90 nm process
–
1.2 V internal logic
–
Single power supply with 5.0 V
5 % (4.5 V to 5.25 V) with internal
regulator to provide 3.3 V and 1.2 V for the core
–
Input and output pins with 5.0 V
5% (4.5 V to 5.25 V) range
35 %/65 % VDDE CMOS switch levels (with hysteresis)
– Selectable hysteresis
– Selectable slew rate control
–
Nexus pins powered by 3.3 V supply
–
Designed with EMI reduction techniques
– Phase-locked loop
– Frequency modulation of system clock frequency
– On-chip bypass capacitance
– Selectable slew rate and drive strength
High performance e200z335 core processor
–
32-bit Power Architecture Book E programmer’s model
–
Variable Length Encoding Enhancements
– Allows Power Architecture instruction set to be optionally encoded in a mixed
16 and 32-bit instructions
– Results in smaller code size
–
Single issue, 32-bit Power Architecture technology compliant CPU
–
In-order execution and retirement
–
Precise exception handling
–
Branch processing unit
– Dedicated branch address calculation adder
– Branch acceleration using Branch Lookahead Instruction Buffer
–
Load/store unit
– One-cycle load latency
– Fully pipelined
– Big and Little Endian support
– Misaligned access support
– Zero load-to-use pipeline bubbles
–
Thirty-two 64-bit general purpose registers (GPRs)
–
Memory management unit (MMU) with 16-entry fully-associative translation look-
aside buffer (TLB)
–
Separate instruction bus and load/store bus
–
Vectored interrupt support
–
Interrupt latency < 120 ns @ 80 MHz (measured from interrupt request to
execution of first instruction of interrupt exception handler)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com