전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APS8233F 데이터시트(PDF) 7 Page - ShenZhen OPSUN Technology Co., Ltd

부품명 APS8233F
상세설명  The chip has a built-in LDO voltage regulator circuit module.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPSUN [ShenZhen OPSUN Technology Co., Ltd]
홈페이지  http://www.aupsun.com/
Logo OPSUN - ShenZhen OPSUN Technology Co., Ltd

APS8233F 데이터시트(HTML) 7 Page - ShenZhen OPSUN Technology Co., Ltd

  APS8233F Datasheet HTML 1Page - ShenZhen OPSUN Technology Co., Ltd APS8233F Datasheet HTML 2Page - ShenZhen OPSUN Technology Co., Ltd APS8233F Datasheet HTML 3Page - ShenZhen OPSUN Technology Co., Ltd APS8233F Datasheet HTML 4Page - ShenZhen OPSUN Technology Co., Ltd APS8233F Datasheet HTML 5Page - ShenZhen OPSUN Technology Co., Ltd APS8233F Datasheet HTML 6Page - ShenZhen OPSUN Technology Co., Ltd APS8233F Datasheet HTML 7Page - ShenZhen OPSUN Technology Co., Ltd APS8233F Datasheet HTML 8Page - ShenZhen OPSUN Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
深圳市奥普尚科技有限公司
ShenZhen OPSUN Technology Co., Ltd
http://www.aupsun.com http://www.aupsun.cn
销售部
1:TEL:15602449960,QQ:2881651177
销售部
2:TEL:13043408198,QQ:2881651176
投诉与建议
:13480721600
http://www.aupsun.com
7 / 8
九、封装信息(Packaging)
1、SOT23-6L
Symbols
Dimension In MM
Symbols
Dimension In MM
Min
Typ
Max
Min
Typ
Max
A
─
─
1.25
e
0.90
0.95
1.00
A1
0.00
─
0.15
e1
1.80
1.90
2.00
A2
1.00
1.10
1.20
L
0.35
0.45
0.60
A3
0.60
0.65
0.70
L1
0.59 RET
B
0.36
─
0.50
L2
0.25 BSC
b1
0.36
0.38
0.45
R
0.10
─
─
C
0.14
─
0.20
R1
0.10
─
0.20
c1
0.14
0.15
0.16
θ
0°
─
8°
D
2.826
2.926
3.026
θ1
3°
5°
7°
E
2.60
2.80
3.00
θ2
6°
─
14°
E1
1.526
1.626
1.726



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com