전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APS8233F 데이터시트(PDF) 1 Page - ShenZhen OPSUN Technology Co., Ltd

부품명 APS8233F
상세설명  The chip has a built-in LDO voltage regulator circuit module.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPSUN [ShenZhen OPSUN Technology Co., Ltd]
홈페이지  http://www.aupsun.com/
Logo OPSUN - ShenZhen OPSUN Technology Co., Ltd

APS8233F 데이터시트(HTML) 1 Page - ShenZhen OPSUN Technology Co., Ltd

  APS8233F Datasheet HTML 1Page - ShenZhen OPSUN Technology Co., Ltd APS8233F Datasheet HTML 2Page - ShenZhen OPSUN Technology Co., Ltd APS8233F Datasheet HTML 3Page - ShenZhen OPSUN Technology Co., Ltd APS8233F Datasheet HTML 4Page - ShenZhen OPSUN Technology Co., Ltd APS8233F Datasheet HTML 5Page - ShenZhen OPSUN Technology Co., Ltd APS8233F Datasheet HTML 6Page - ShenZhen OPSUN Technology Co., Ltd APS8233F Datasheet HTML 7Page - ShenZhen OPSUN Technology Co., Ltd APS8233F Datasheet HTML 8Page - ShenZhen OPSUN Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
深圳市奥普尚科技有限公司
ShenZhen OPSUN Technology Co., Ltd
http://www.aupsun.com http://www.aupsun.cn
销售部
1:TEL:15602449960,QQ:2881651177
销售部
2:TEL:13043408198,QQ:2881651176
投诉与建议
:13480721600
http://www.aupsun.com
1 / 8
数据手册
DATASHEET
APS8233E,SOT23-6L, CMOS 输出(QC),16 秒
APS8233G,SOT23-6L, CMOS 输出(QC),无穷大
APS8233F,SOT23-6L,NMOS 开漏输出(QD) ,16 秒
APS8233C, DFN6L(2*2*0.75mm),CMOS 输出(QC),16 秒
APS8233B, DFN6L(2*2*0.75mm),NMOS 开漏输出(QD),16 秒
单键触摸芯片 IC(内置 LDO)
(Rev:1.0)


유사한 부품 번호 - APS8233F

제조업체부품명데이터시트상세설명
logo
Advanced Power Electron...
APS8922A A-POWER-APS8922A Datasheet
965Kb / 12P
ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
More results

유사한 설명 - APS8233F

제조업체부품명데이터시트상세설명
logo
Torex Semiconductor
XC61F TOREX-XC61F Datasheet
196Kb / 12P
Voltage Detectors ( Delay Circuit Built-In)
logo
Sharp Corporation
PQ1CZ38M2Z SHARP-PQ1CZ38M2Z Datasheet
88Kb / 6P
Chopper Regulator built-in 300kHz oscillation circuit
logo
Torex Semiconductor
XC61F TOREX-XC61F_1 Datasheet
740Kb / 12P
Voltage Detectors, Delay Circuit Built-In
XC61F TOREX-XC61F_2 Datasheet
674Kb / 14P
Voltage Detectors, Delay Circuit Built-In
XC6223 TOREX-XC6223 Datasheet
790Kb / 36P
Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
XC6223D3019R-G TOREX-XC6223D3019R-G Datasheet
790Kb / 36P
Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
logo
List of Unclassifed Man...
P9813 ETC1-P9813 Datasheet
710Kb / 9P
IC input voltage 5V-6.5V;built-in LDO,4.5V regulator output
logo
Shenzhen Huazhimei Semi...
HM5428A HMSEMI-HM5428A Datasheet
573Kb / 7P
Built-in high-precision voltage detection circuit built-in MOSFET
HM5518A HMSEMI-HM5518A Datasheet
2Mb / 9P
Built-in high-precision voltage detection circuit built-in MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com