전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CEU3 데이터시트(PDF) 80 Page - STMicroelectronics

부품명 STM32L4P5CEU3
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU3 데이터시트(HTML) 80 Page - STMicroelectronics

Back Button STM32L4P5CEU3 Datasheet HTML 76Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 77Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 78Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 79Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 80Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 81Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 82Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 83Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 311 page
background image
-
---
--
---
--
-
22
22
H4
H4
PF10
I/O FT
-
OCTOSPIM_P1_CLK
, PSSI_D15,
DFSDM1_CKOUT,
DCMI_D11/PSSI_D11
, SAI1_D3,
TIM15_CH2,
EVENTOUT
-
5
5
5
5
5
5F10 F10
12
12F1
F123
23
H1
H1
PH0-
OSC_IN
(PH0)
I/O FT
-
EVENTOUT
OSC_IN
6
6
6
6
6
6
F9
G10
13
13
G1
G1
24
24
J1
J1
PH1-
OSC_OU
T (PH1)
I/O FT
-
EVENTOUT
OSC_OUT
777
77
7
F8
E8
14
14
H2
H2
25
25
H3
H3
NRST
I-O
RS
T
--
-
-
---
8
8
G10
F9
15
15
H1
H1
26
26
J2
J2
PC0
I/O
FT
_fl
a
-
LPTIM1_IN1,
I2C3_SCL,
SDMMC2_CKIN,
LPUART1_RX,
LCD_DE,
SDMMC1_CMD,
SAI2_FS_A,
LPTIM2_IN1,
EVENTOUT
ADC12_IN1
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More