| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEU3 데이터시트(PDF) 81 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU3 데이터시트(HTML) 81 Page - STMicroelectronics |
|
81 / 311 page ![]() - - - - 9 9 F7 F8 16 16 J2 J2 27 27 J3 J3 PC1 I/O FT _fl a - TRACED0, LPTIM1_OUT, SPI2_MOSI, I2C3_SDA, LPUART1_TX, OCTOSPIM_P1_IO4, SAI1_SD_A, EVENTOUT ADC12_IN2 - - - - 10 10 G9 H10 17 17J3 J328 28 J4 J4 PC2 I/O FT _la - LPTIM1_IN2, SPI2_MISO, DFSDM1_CKOUT, OCTOSPIM_P1_IO5, LCD_HSYNC, EVENTOUT ADC12_IN3 - - - - 11 11 F6 F7 18 18 K2 K2 29 29 K1 K1 PC3 I/O FT _a - LPTIM1_ETR, SAI1_D1, SPI2_MOSI, OCTOSPIM_P1_IO6, SAI1_SD_A, LPTIM2_ETR, EVENTOUT ADC12_IN4 - --- -- - H9 19 19 - - 30 30 - - VSSA S - - - - - --- -- - G8 20 20 - - 31 31 - - VREF- S - - - - 8 8 8 8 12 12 H9 - - - J1 J1 - - K2 K2 VSSA/VR EF- S- - - - - - - - - - H10 G7 21 21L1 L13232 L1L1 VREF+ S - - - VREFBUF_OUT Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |